Electronic Components Datasheet Search
  English  ▼

X  

EP4CE22 Datasheet(PDF) 94 Page - Altera Corporation

Part # EP4CE22
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22 Datasheet(HTML) 94 Page - Altera Corporation

Back Button EP4CE22 Datasheet HTML 90Page - Altera Corporation EP4CE22 Datasheet HTML 91Page - Altera Corporation EP4CE22 Datasheet HTML 92Page - Altera Corporation EP4CE22 Datasheet HTML 93Page - Altera Corporation EP4CE22 Datasheet HTML 94Page - Altera Corporation EP4CE22 Datasheet HTML 95Page - Altera Corporation EP4CE22 Datasheet HTML 96Page - Altera Corporation EP4CE22 Datasheet HTML 97Page - Altera Corporation EP4CE22 Datasheet HTML 98Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 488 page
background image
5–32
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
Programmable Bandwidth
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 1
Programmable Bandwidth
The PLL bandwidth is the measure of the PLL’s ability to track the input clock and its
associated jitter. PLLs of Cyclone IV devices provide advanced control of the PLL
bandwidth using the programmable characteristics of the PLL loop, including loop
filter and charge pump. The closed-loop gain 3-dB frequency in the PLL determines
the PLL bandwidth. The bandwidth is approximately the unity gain point for open
loop PLL response.
Phase Shift Implementation
Phase shift is used to implement a robust solution for clock delays in Cyclone IV
devices. Phase shift is implemented with a combination of the VCO phase output and
the counter starting time. The VCO phase output and counter starting time are the
most accurate methods of inserting delays, because they are based only on counter
settings that are independent of process, voltage, and temperature.
You can phase shift the output clocks from the PLLs of Cyclone IV devices in one of
two ways:
■
Fine resolution using VCO phase taps
■
Coarse resolution using counter starting time
Fine resolution phase shifts are implemented by allowing any of the output counters
(C[4..0]) or the M counter to use any of the eight phases of the VCO as the reference
clock. This allows you to adjust the delay time with a fine resolution.
Equation 5–1 shows the minimum delay time that you can insert using this method.
in which fREF is the input reference clock frequency.
For example, if fREF is 100 MHz, N = 1, and M = 8, then fVCO = 800 MHz, and
Φfine = 156.25 ps. The PLL operating frequency defines this phase shift, a value that
depends on reference clock frequency and counter settings.
Coarse resolution phase shifts are implemented by delaying the start of the counters
for a predetermined number of counter clocks. Equation 5–2 shows the coarse phase
shift.
C is the count value set for the counter delay time (this is the initial setting in the PLL
usage section of the compilation report in the Quartus II software). If the initial value
is 1, C – 1 = 0° phase shift.
Equation 5–1. Fine Resolution Phase Shift
Equation 5–2. Coarse Resolution Phase Shift
Φfine
TVCO
8
--------------
1
8fVCO
----------------
N
8MfREF
--------------------
==
=
Φcoarse
C 1
–
f
VCO
-------------
C
1
–
()N
Mf
REF
----------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com