Electronic Components Datasheet Search
  English  ▼

X  

MIC33263 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC33263
Description  Buck Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33263 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC33263 Datasheet HTML 1Page - Micrel Semiconductor MIC33263 Datasheet HTML 2Page - Micrel Semiconductor MIC33263 Datasheet HTML 3Page - Micrel Semiconductor MIC33263 Datasheet HTML 4Page - Micrel Semiconductor MIC33263 Datasheet HTML 5Page - Micrel Semiconductor MIC33263 Datasheet HTML 6Page - Micrel Semiconductor MIC33263 Datasheet HTML 7Page - Micrel Semiconductor MIC33263 Datasheet HTML 8Page - Micrel Semiconductor MIC33263 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel, Inc.
MIC33263/4
Typical Characteristics
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
OUTPUT CURRENT (mA)
Efficiency
vs. Output Current
V
OUT = 1.2V
VIN = 3.3V
V
OUT = 2.5V
VOUT = 1.8V
10
20
30
40
50
60
70
80
90
100
10
100
1000
OUTPUT CURRENT(mA)
Efficiency
vs. Output Current
V
IN = 5V
V
OUT = 1.8V
V
OUT = 2.5V
V
OUT = 3.3V
V
OUT = 1.2V
1
10
100
1000
10000
100000
1000000
100
1000
10000
100000
1000000
CSS (pF)
VOUT Rise Time
vs. CSS
V
IN = 3.6V
2.6
2.8
3
3.2
3.4
3.6
3.8
4
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
V
OUT = 2.4V
0
5
10
15
20
25
30
35
40
45
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Quiscent Current
vs. Input Voltage
V
OUT = 2V
NO LOAD
24
26
28
30
32
34
36
38
40
-40
-20
0
20
40
60
80
100 120 140
TEMPERATURE (°C)
IQ vs. Temperature
V
IN = 3.6V
1.999
2
2.001
2.002
2.003
2.004
2.005
2.006
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Line Regulation
(Light Loads)
150mA
50mA
1.998
2
2.002
2.004
2.006
2.008
2.01
2.012
2.014
2.016
2.018
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Line Regulation
(High Loads)
500mA
300mA
2A
1.96
1.97
1.98
1.99
2
2.01
2.02
2.03
2.04
2.05
2.06
2.07
2.08
0
20
40
60
80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current (DCM)
V
IN = 3.6V
May 15, 2014
5
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com