Electronic Components Datasheet Search
  English  ▼

X  

MIC33263 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC33263
Description  Buck Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33263 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC33263 Datasheet HTML 11Page - Micrel Semiconductor MIC33263 Datasheet HTML 12Page - Micrel Semiconductor MIC33263 Datasheet HTML 13Page - Micrel Semiconductor MIC33263 Datasheet HTML 14Page - Micrel Semiconductor MIC33263 Datasheet HTML 15Page - Micrel Semiconductor MIC33263 Datasheet HTML 16Page - Micrel Semiconductor MIC33263 Datasheet HTML 17Page - Micrel Semiconductor MIC33263 Datasheet HTML 18Page - Micrel Semiconductor MIC33263 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Micrel, Inc.
MIC33263/4
Package Information and Recommended Landing Pattern
(11)
20-Pin 2.5mm × 3mm QFN (GK)
Note:
11. Package information is correct as of the publication date. For updates and most current information, go to www.micrel.com.
May 15, 2014
18
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com