Electronic Components Datasheet Search
  English  ▼

X  

MIC33263 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC33263
Description  Buck Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33263 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC33263 Datasheet HTML 1Page - Micrel Semiconductor MIC33263 Datasheet HTML 2Page - Micrel Semiconductor MIC33263 Datasheet HTML 3Page - Micrel Semiconductor MIC33263 Datasheet HTML 4Page - Micrel Semiconductor MIC33263 Datasheet HTML 5Page - Micrel Semiconductor MIC33263 Datasheet HTML 6Page - Micrel Semiconductor MIC33263 Datasheet HTML 7Page - Micrel Semiconductor MIC33263 Datasheet HTML 8Page - Micrel Semiconductor MIC33263 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MIC33263/4
4MHz, 2A Buck Regulator with Integrated
Inductor and HyperLight Load
®
General Description
The MIC33263/4 is a highly-efficient synchronous buck
regulator with an integrated inductor which provides the
optimal trade-off between footprint and efficiency. The
MIC33263/4 operates at 4MHz switching frequency and
provides up to 2A output current. In addition, the 100%
duty cycle and HyperLight Load
® (HLL) mode-of-operation
delivers very-high efficiency at light loads and ultra-fast
transient response which makes the MIC33263/4 perfectly
suited for any space-constrained application and great
alternative for low dropout regulators. An additional benefit
of this proprietary architecture is very low output ripple
voltage throughout the entire load range with the use of
small output capacitors.
The MIC33263/4 provides small compact total solution
size of 4.6mm × 7mm with very few tiny external
components.
At higher loads, the MIC33263/4 provides a constant
switching frequency around 4MHz while achieving peak
efficiencies up to 93%. It also includes under-voltage
lockout to ensure proper operation under power-sag
conditions, internal soft-start to reduce inrush current,
foldback current limit, power good (PG) indicator, and
thermal shutdown. The MIC33263/4 is available in a 20-pin
2.5mm × 3.0mm × 1.9mm QFN package with an operating
junction temperature range from –40
°C to +85°C.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Integrated MOSFETs, inductor
• 100% duty cycle
• 4MHz PWM operation in continuous mode
• 2A output current
• Low output voltage ripple
• 85% typical efficiency at 1mA and up to 93% peak
efficiency
• Ultra-fast transient response
• Advanced copper lead frame design provides superior
thermal performance
• Thermal-shutdown and current-limit protection
• Low-radiated emission (EMI) per EN55022, class B
• Adjustable output voltage 0.7V to 5V
• Configurable soft-start with pre-bias start-up capability
• Auto discharge of 180
Ω (MIC33264 only)
• Low profile 2.5mm × 3.0mm × 1.9mm QFN packages
• 0.1µA shutdown current
• 33µA quiescent current
Applications
• 5V point-of-load (POL)
• Low voltage distributed power systems
• Space-constrained applications
• Portable devices
• SSD storage systems
• Digital cameras
Typical Application
10
20
30
40
50
60
70
80
90
100
10
100
1000
OUTPUT CURRENT(mA)
Efficiency vs.
Output Current
V
IN = 5V
V
OUT = 1.8V
V
OUT = 2.5V
V
OUT = 3.3V
HyperLight Load is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 15, 2014
Revision 1.1


Similar Part No. - MIC33263

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC33030 MICREL-MIC33030 Datasheet
723Kb / 18P
8MHz 400mA Internal Inductor Buck Regulator with HyperLight Load
MIC33030 MICREL-MIC33030 Datasheet
723Kb / 18P
8MHz 400mA Internal Inductor Buck Regulator with HyperLight Load?
logo
Microchip Technology
MIC33030 MICROCHIP-MIC33030 Datasheet
3Mb / 24P
8 MHz 400 mA Internal Inductor Buck Regulator with HyperLight Load짰
09/14/21
logo
Micrel Semiconductor
MIC33030-4YHJ MICREL-MIC33030-4YHJ Datasheet
723Kb / 18P
8MHz 400mA Internal Inductor Buck Regulator with HyperLight Load
logo
Microchip Technology
MIC33030-4YHJ-T5 MICROCHIP-MIC33030-4YHJ-T5 Datasheet
3Mb / 24P
8 MHz 400 mA Internal Inductor Buck Regulator with HyperLight Load짰
09/14/21
More results

Similar Description - MIC33263

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ENPIRION-EP53A8LQI Datasheet
296Kb / 14P
1000mA Synchronous Buck Regulator with Integrated Inductor
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
500mA Synchronous Buck Regulator with Integrated Inductor
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
600mA Synchronous Buck Regulator With Integrated Inductor
EP53A7LQ ENPIRION-EP53A7LQ Datasheet
408Kb / 17P
1000mA Synchronous Buck Regulator with Integrated Inductor
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
400mA Synchronous Buck Regulator with Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
600mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
Micrel Semiconductor
MIC33163 MICREL-MIC33163 Datasheet
1Mb / 19P
Buck Regulator with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com