Electronic Components Datasheet Search
  English  ▼

X  

MIC33263 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC33263
Description  Buck Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33263 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC33263 Datasheet HTML 1Page - Micrel Semiconductor MIC33263 Datasheet HTML 2Page - Micrel Semiconductor MIC33263 Datasheet HTML 3Page - Micrel Semiconductor MIC33263 Datasheet HTML 4Page - Micrel Semiconductor MIC33263 Datasheet HTML 5Page - Micrel Semiconductor MIC33263 Datasheet HTML 6Page - Micrel Semiconductor MIC33263 Datasheet HTML 7Page - Micrel Semiconductor MIC33263 Datasheet HTML 8Page - Micrel Semiconductor MIC33263 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Micrel, Inc.
MIC33263/4
Absolute Maximum Ratings
(3)
Supply Voltage (VIN = VAVIN = VPVIN) .................. −0.3V to 6V
Power Good Voltage (VPG)................................ −0.3V to 6V
Output Switch Voltage (VSW) ............................. −0.3V to 6V
Enable Input Voltage (VEN)................................−0.3V to VIN
Junction Temperature (TJ) ....................................... +150°C
Storage Temperature Range (TS) ............. −65°C to +150°C
Lead Temperature (soldering, 10s)............................ 260
°C
ESD Rating
(5)................................................. ESD Sensitive
Operating Ratings
(4)
Supply Voltage (VIN = VAVIN = VPVIN) ................. 2.7V to 5.5V
Enable Input Voltage (VEN) .. ……………………….0V to VIN
Feedback Voltage (VFB) ...................................... 0.7V to VIN
Junction Temperature Range (TJ).... ….−40°C ≤ TJ ≤ +85°C
Thermal Resistance
20-Pin 2.5mm × 3mm QFN (
θ
JA) ........................ 50°C/W
Electrical Characteristics
(6)
TA = 25°C; VIN = VEN = 3.6V; COUT = 22µF unless otherwise specified. Bold values indicate −40°C
≤ TJ ≤ +85°C, unless otherwise
specified.
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage Range
2.7
5.5
V
Undervoltage Lockout Threshold
Turn-On
2.40
2.53
2.65
V
Undervoltage Lockout Hysteresis
75
mV
Quiescent Current
IOUT = 0mA , VSNS > 1.2 × VOUT Nominal
33
85
µA
Shutdown Current
VEN = 0V; VIN = 5.5V
0.1
2
µA
Output Voltage Accuracy
VIN = 3.6V if VOUTNOM < 2.5V, ILOAD = 20mA
−2.5
+2.5
%
VIN = 5.5V if VOUTNOM ≥ 2.5V, ILOAD = 20mA
Feedback Regulation Voltage
0.682
0.7
0.717
V
Current Limit
VSNS = 0.9 × VOUTNOM
2.5
3.3
A
Output Voltage Line Regulation
VIN = 3.6V to 5.5V, ILOAD = 20mA
0.3
%/V
Output Voltage Load Regulation
20mA ≤ ILOAD ≤ 1A, VIN = 3.6V
0.3
%
20mA ≤ ILOAD ≤ 1A, VIN = 5.5V
PWM Switch On-Resistance
ISW = 100mA PMOS
0.13
Ω
ISW = −100mA NMOS
Switching Frequency
IOUT = 120mA
4
MHz
Soft-Start (SS) Time
VOUT = 90%, CSS = 1nF
1000
µs
Soft-Start (SS) Current
VSS = 0V
2.2
µA
Power Good (PG) Threshold (Rising)
% of VNOM
85
90
95
%
Notes:
3.
Exceeding the absolute maximum ratings may damage the device.
4.
The device is not guaranteed to function outside its operating ratings.
5.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k in series with 100pF.
6.
Specification for packaged product only
May 15, 2014
3
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com