Electronic Components Datasheet Search
  English  ▼

X  

MIC33263 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC33263
Description  Buck Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33263 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC33263 Datasheet HTML 1Page - Micrel Semiconductor MIC33263 Datasheet HTML 2Page - Micrel Semiconductor MIC33263 Datasheet HTML 3Page - Micrel Semiconductor MIC33263 Datasheet HTML 4Page - Micrel Semiconductor MIC33263 Datasheet HTML 5Page - Micrel Semiconductor MIC33263 Datasheet HTML 6Page - Micrel Semiconductor MIC33263 Datasheet HTML 7Page - Micrel Semiconductor MIC33263 Datasheet HTML 8Page - Micrel Semiconductor MIC33263 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
MIC33263/4
Electrical Characteristics
(6) (Continued)
TA = 25°C; VIN = VEN = 3.6V; COUT = 22µF unless otherwise specified. Bold values indicate −40°C
≤ TJ ≤ +85°C, unless otherwise
specified.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Good Threshold Hysteresis
7
%
Power Good Pull-Down
VSNS = 90% VNOMINAL, IPG = 1mA
60
200
mV
Enable Threshold
Turn-On
0.5
0.8
1.2
V
Enable Hysteresis
70
mV
Enable Input Current
0.1
2
µA
Overtemperature Shutdown
160
°C
Overtemperature Shutdown Hysteresis
20
°C
SW Pull-Down Resistance
(MIC33264 only)
VEN = 0V
180
Ω
May 15, 2014
4
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com