Electronic Components Datasheet Search
  English  ▼

X  

MIC33263 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC33263
Description  Buck Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33263 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC33263 Datasheet HTML 11Page - Micrel Semiconductor MIC33263 Datasheet HTML 12Page - Micrel Semiconductor MIC33263 Datasheet HTML 13Page - Micrel Semiconductor MIC33263 Datasheet HTML 14Page - Micrel Semiconductor MIC33263 Datasheet HTML 15Page - Micrel Semiconductor MIC33263 Datasheet HTML 16Page - Micrel Semiconductor MIC33263 Datasheet HTML 17Page - Micrel Semiconductor MIC33263 Datasheet HTML 18Page - Micrel Semiconductor MIC33263 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Micrel, Inc.
MIC33263/4
Over 100mA, efficiency loss is dominated by MOSFET
RDSON and inductor losses. Higher input supply voltages
will increase the gate-to-source threshold on the internal
MOSFETs, thereby reducing the internal RDSON. This
improves efficiency by reducing DC losses in the device.
HyperLight Load Mode (HLL)
MIC33263/4 uses a minimum on and off time proprietary
control loop (PCL) patented by Micrel called HyperLight
Load (HLL). When the output voltage falls below the
regulation threshold, the error comparator begins a
switching cycle that turns the PMOS on and keeps it on
for the duration of the minimum-on-time. This increases
the output voltage. If the output voltage is over the
regulation threshold, then the error comparator turns the
PMOS off for a minimum-off-time until the output drops
below the threshold. The NMOS acts as an ideal rectifier
that conducts when the PMOS is off. Using a NMOS
switch instead of a diode allows for lower voltage drop
across
the
switching
device
when
it
is
on.
The
asynchronous switching combination between the PMOS
and the NMOS allows the control loop to work in
discontinuous
mode
for
light
load
operations.
In
discontinuous mode, the MIC33263/4 works in pulse
frequency modulation (PFM) to regulate the output. As
the output current increases, the off-time decreases, thus
provides more energy to the output. This switching
scheme improves the efficiency of MIC33263/4 during
light load currents by only switching when it is needed. As
the load current increases, the MIC33263/4 goes into
continuous conduction mode (CCM) and switches at a
frequency centered at 4MHz.
As shown in Figure 3, as the output current increases,
the
switching
frequency
also
increases
until
the
MIC33263/4 goes from HLL mode to PWM mode at
approximately 120mA. The MIC33263/4 will switch at a
relatively constant frequency around 4MHz once the
output current is over 220mA.
Figure 3. SW Frequency vs. Output
Emission Characteristic of MIC33263/4
The MIC33263/4 integrates switching components in a
single
package,
so
the
MIC33263/4
has
reduced
emission compared to standard buck regulator with
external MOSFETs and inductors. The radiated EMI
scans for MIC33263/4 are shown in the Functional
Characteristics. The limit on the graph is per EN55022
class B standard.
1
10
100
1000
10000
1
10
100
1000
10000
OUTPUT CURRENT (mA)
Switching Frequency
vs. Output Current
VIN = 3.6V
VIN = 5V
V
OUT = 2V
May 15, 2014
15
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com