Electronic Components Datasheet Search
  English  ▼

X  

MIC33263 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC33263
Description  Buck Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33263 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC33263 Datasheet HTML 2Page - Micrel Semiconductor MIC33263 Datasheet HTML 3Page - Micrel Semiconductor MIC33263 Datasheet HTML 4Page - Micrel Semiconductor MIC33263 Datasheet HTML 5Page - Micrel Semiconductor MIC33263 Datasheet HTML 6Page - Micrel Semiconductor MIC33263 Datasheet HTML 7Page - Micrel Semiconductor MIC33263 Datasheet HTML 8Page - Micrel Semiconductor MIC33263 Datasheet HTML 9Page - Micrel Semiconductor MIC33263 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Micrel, Inc.
MIC33263/4
Typical Characteristics (Continued)
1.94
1.95
1.96
1.97
1.98
1.99
2
2.01
2.02
2.03
2.04
2.05
2.06
200 400 600 800 1000 1200 1400 1600 1800 2000
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current (CCM)
V
IN = 3.6V
1.9
1.92
1.94
1.96
1.98
2
2.02
2.04
2.06
2.08
2.1
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Output Voltage
vs. Temperature
V
IN = 3.6V
82
83
84
85
86
87
88
89
90
91
92
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
PG Threshold
vs. Input Voltage
PG RISING
PG FALLING
2.4
2.42
2.44
2.46
2.48
2.5
2.52
2.54
2.56
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
UVLO Threshold
vs. Temperature
V
IN = 3.6V
UVLO ON
UVLO OFF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Enable Threshold
vs. Temperature
V
IN = 3.6V
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Enable Thresholds
vs. Input Voltage
C
FF = 1nF
T
CASE = 25°C
1
10
100
1000
10000
1
10
100
1000
10000
OUTPUT CURRENT (mA)
Switching Frequency
vs. Output Current
VIN = 3.6V
VIN = 5V
V
OUT = 2V
0.68
0.685
0.69
0.695
0.7
0.705
0.71
0.715
0.72
-40
-20
0
20
40
60
80
100 120
TEMPERATURE(°C)
Feedback Voltage
vs. Temperature
V
IN = 3.6V
LOAD = 50
Ω
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Shutdown Current
vs. Temperature
V
IN = 3.6V
May 15, 2014
6
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com