Electronic Components Datasheet Search
  English  ▼

X  

MIC33263 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC33263
Description  Buck Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33263 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC33263 Datasheet HTML 1Page - Micrel Semiconductor MIC33263 Datasheet HTML 2Page - Micrel Semiconductor MIC33263 Datasheet HTML 3Page - Micrel Semiconductor MIC33263 Datasheet HTML 4Page - Micrel Semiconductor MIC33263 Datasheet HTML 5Page - Micrel Semiconductor MIC33263 Datasheet HTML 6Page - Micrel Semiconductor MIC33263 Datasheet HTML 7Page - Micrel Semiconductor MIC33263 Datasheet HTML 8Page - Micrel Semiconductor MIC33263 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Micrel, Inc.
MIC33263/4
Ordering Information
Part Number
Output Voltage
Auto Discharge
Junction Temperature Range
Package
(1, 2)
MIC33263YGK
ADJ
No
–40
°C to +85°C
20-Pin 2.5mm × 3mm QFN
MIC33264YGK
ADJ
Yes
–40
°C to +85°C
20-Pin 2.5mm × 3mm QFN
Note:
1.
QFN is a GREEN, RoHS-compliant package. Mold compound is Halogen Free.
2.
Pb-free. Lead finish is matte tin.
Pin Configuration
2.5mm × 3mm QFN (GK)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1, 20
PVIN
Power Input Voltage: Connect a capacitor to PGND to decouple the noise.
2, 8, 9
PGND
Power Ground.
3, 4, 5, 6, 7
SW
Switch (Output): Internal power MOSFET output switches. Disable pull down 180 Ohms
(MIC33164 only).
10, 11, 12, 13
VOUT
Inductor Output. Connect a capacitor to PGND to filter the switcher output voltage.
14
AGND
Analog Ground: Connect to central ground point where all high current paths meet (CIN, COUT,
PGND) for best operation.
15
AVIN
Analog Input Voltage: Connect a capacitor to ground to decouple the noise.
16
SS
Soft-Start: Place a capacitor from SS pin to ground to program the soft-start time
17
PG
Power Good: Open Drain output for the power good indicator. Place a resistor between this pin
and a voltage source to detect a power good condition.
18
FB
Feedback: Connect a resistor divider from the output to ground to set the output voltage.
19
EN
Enable (Input): Logic high enables operation of the regulator. Logic low will shut down the device.
Do not leave floating.
May 15, 2014
2
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com