Electronic Components Datasheet Search
  English  ▼

X  

MIC33263 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC33263
Description  Buck Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33263 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC33263 Datasheet HTML 10Page - Micrel Semiconductor MIC33263 Datasheet HTML 11Page - Micrel Semiconductor MIC33263 Datasheet HTML 12Page - Micrel Semiconductor MIC33263 Datasheet HTML 13Page - Micrel Semiconductor MIC33263 Datasheet HTML 14Page - Micrel Semiconductor MIC33263 Datasheet HTML 15Page - Micrel Semiconductor MIC33263 Datasheet HTML 16Page - Micrel Semiconductor MIC33263 Datasheet HTML 17Page - Micrel Semiconductor MIC33263 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Micrel, Inc.
MIC33263/4
Application Information
The MIC33263/4 is a high-performance DC-to-DC step-
down regulator offering a small solution size of 4.6mm ×
7mm. Supporting an output current up to 2A inside a tiny
3mm × 2.5mm QFN package, the MIC33263/4 requires
very few external components while meeting today’s
miniature portable electronic device needs. Using the
HyperLight
Load
(HLL)
switching
scheme,
the
MIC33263/4 is able to maintain high efficiency throughout
the entire load range while providing ultra-fast load
transient
response.
The
following
sections
provide
additional device application information.
Input Capacitor
A 2.2µF ceramic capacitor or greater should be placed
close to the PVIN pin and PGND pin for bypassing. A TDK
C1608X5R0J475M, size 0603, 4.7µF ceramic capacitor is
recommended based upon performance, size, and cost.
A X5R or X7R temperature rating is recommended for the
input capacitor. Y5V temperature rating capacitors, aside
from losing most of their capacitance over temperature,
can also become resistive at high frequencies. This
reduces their ability to filter out high-frequency noise.
Output Capacitor
The MIC33263/4 is designed for use with a 22µF or
greater ceramic output capacitor. Increasing the output
capacitance will lower output ripple and improve load
transient response but could also increase solution size
or cost. A low equivalent series resistance (ESR) ceramic
output
capacitor
such
as
the
TDK
C1608X5R1A226M080AC, size 0603, 22µF ceramic
capacitor is recommended based upon performance, size
and cost. Both the X7R or X5R temperature rating
capacitors
are
recommended.
The
Y5V
and
Z5U
temperature rating capacitors are not recommended due
to their wide variation in capacitance over temperature
and increased resistance at high frequencies.
Compensation
The MIC33263/4 is designed to be stable with a 22µF
ceramic (X5R) output capacitor. An external feedback
capacitor of 15pF to 68pF is required for optimum
regulation performance.
100% Duty Cycle Low Dropout Operation
The MIC33263/4 enters 100% duty cycle when the input
voltage gets close to the nominal output voltage, in this
case the high-side MOSFET switch is turned on 100% for
one or more cycles. By decreasing the input voltage
further
the
high-side
MOSFET
switch
turns
on
completely. In this case the small difference between VIN
and VOUT is determined by RDSON and DCR of the
inductor. This is extremely useful in battery-powered
applications to accomplish longest operation time.
Efficiency Considerations
Efficiency is defined as the amount of useful output
power, divided by the amount of power supplied, as
shown in Equation 3:
100
I
V
I
V
%
Efficiency
IN
IN
OUT
OUT
×
×
×
=
Eq. 3
Maintaining high efficiency serves two purposes. It
reduces power dissipation in the power supply, reducing
the
need
for
heat
sinks
and
thermal
design
considerations and it reduces consumption of current for
battery-powered applications. Reduced current draw from
a battery increases the device’s operating time and is
critical in hand held devices.
There are two types of losses in switching converters; DC
losses and switching losses. DC losses are simply the
power dissipation of I
2R. Power is dissipated in the high
side switch during the on cycle. Power loss is equal to the
high side MOSFET RDSON multiplied by the switch current
squared. During the off cycle, the low side N-channel
MOSFET conducts, also dissipating power. Device
operating current also reduces efficiency. The product of
the quiescent (operating) current and the supply voltage
represents another DC loss. The current required driving
the gates on and off at a constant 4MHz frequency and
the switching transitions make up the switching losses.
Figure 2 shows an efficiency curve. From no load to
100mA, efficiency losses are dominated by quiescent
current losses, gate drive and transition losses. By using
the HLL mode, the MIC33263/4 is able to maintain high
efficiency at low output currents.
Figure 2. Efficiency under Load
10
20
30
40
50
60
70
80
90
100
10
100
1000
OUTPUT CURRENT(mA)
Efficiency
vs. Output Current
V
IN = 5V
V
OUT = 1.8V
V
OUT = 2.5V
V
OUT = 3.3V
V
OUT = 1.2V
May 15, 2014
14
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com