Electronic Components Datasheet Search
  English  ▼

X  

PD488588FF Datasheet(PDF) 63 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 63 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 59Page - Elpida Memory PD488588FF Datasheet HTML 60Page - Elpida Memory PD488588FF Datasheet HTML 61Page - Elpida Memory PD488588FF Datasheet HTML 62Page - Elpida Memory PD488588FF Datasheet HTML 63Page - Elpida Memory PD488588FF Datasheet HTML 64Page - Elpida Memory PD488588FF Datasheet HTML 65Page - Elpida Memory PD488588FF Datasheet HTML 66Page - Elpida Memory PD488588FF Datasheet HTML 67Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
63
µµµµPD488588FF-C80-40
The SCK clock is also used for sampling data on RSL input in one situation. Figure23-4 shows the PDN and NAP
exit sequences. If the PSX field of the INIT register is one (Figure 22-1 control registers (1/7) “INIT Register”), then
the PDN and NAP exit sequences are broadcast; i.e. all RDRAMs that are in PDN or NAP will perform the exit
sequence. If the PSX field of the INIT register is zero, then the PDN and NAP exit sequences are directed; i.e. only
one RDRAM that is in PDN or NAP will perform the exit sequence.
The address of that RDRAM is specified on the DQA[5:0] bus in the set hold window tS3/tH3 around the rising edge of
SCK. This is shown Figure 33-2. The SCK timing point is measured at the 50 % level, and the DQA [5:0] bus signals
are measured at the VREF level.
Figure 33-2 CMOS Timing - Device Address for NAP or PDN Exit
V IH,CMOS
80%
50%
20%
V IL,CMOS
SCK
PDEV
V DIH
80%
20%
VDIL
DQA[5:0]
V
tS3
tH3
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com