Electronic Components Datasheet Search
  English  ▼

X  

PD488588FF Datasheet(PDF) 1 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 1 Page - Elpida Memory

  PD488588FF Datasheet HTML 1Page - Elpida Memory PD488588FF Datasheet HTML 2Page - Elpida Memory PD488588FF Datasheet HTML 3Page - Elpida Memory PD488588FF Datasheet HTML 4Page - Elpida Memory PD488588FF Datasheet HTML 5Page - Elpida Memory PD488588FF Datasheet HTML 6Page - Elpida Memory PD488588FF Datasheet HTML 7Page - Elpida Memory PD488588FF Datasheet HTML 8Page - Elpida Memory PD488588FF Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
Document No. E0251N20 (Ver. 2.0)
Date Published July 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory,Inc. 2002
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
DATA SHEET
288M bits Direct Rambus DRAM
for High Performance Solution
µµµµPD488588FF-C80-40 (512K words ×××× 18 bits ×××× 32s banks)
Description
The Direct Rambus DRAM (Direct RDRAM) is a
general purpose high-performance memory device
suitable for use in a broad range of applications
including computer memory, graphics, video, and any
other application where high bandwidth and low
latency are required.
The
µPD488588FF is 288Mbits Direct Rambus DRAM
(RDRAM), organized as 16M words by 18 bits.
The use of Rambus Signaling Level (RSL) technology
permits 800MHz transfer rates while using
conventional system and board design technologies.
Direct RDRAM devices are capable of sustained data
transfers at 1.25ns per two bytes (10ns per sixteen
bytes).
The architecture of the Direct RDRAMs allows the
highest sustained bandwidth for multiple, simultaneous
randomly addressed memory transactions.
The separate control and data buses with independent
row and column control yield over 95% bus efficiency.
The Direct RDRAM’s four banks support up to four
simultaneous transactions.
System oriented features for mobile, graphics and
large memory systems include power management,
byte masking.
The
µPD488588FF is offered in a CSP horizontal
package suitable for desktop as well as low-profile
add-in card and mobile applications. Direct RDRAMs
operate from a 2.5V supply.
Features
• Highest sustained bandwidth per DRAM device
— 1.6 GB/s sustained data transfer rate
— Separate control and data buses for maximized
efficiency
— Separate row and column control buses for easy
scheduling and highest performance
— 32 banks: four transactions can take place
simultaneously at full bandwidth data rates
• Low latency features
— Write buffer to reduce read latency
— 3 precharge mechanisms for controller flexibility
— Interleaved transactions
• Advanced power management:
— Multiple low power states allows flexibility in power
consumption versus time to active state
— Power-down self-refresh
• Overdrive current mode
• Organization: 2K bytes pages and 32 banks, x 18
• Uses Rambus Signaling Level (RSL) for up to
800MHz operation
• Package : 80-ball FBGA (
µ BGA) (17.16 × 10.2)
Application
The
µPD488588FF is most appropriate for the
applications, such as consumer products demanding
vivid animations, processor memory for multimedia
and 3D graphics, network processing and storage
systems requiring scalability to accommodate future
designs.


Similar Part No. - PD488588FF

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD488588FF-C60-53-DH1 ELPIDA-PD488588FF-C60-53-DH1 Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
PD488588FF-C71-45-DH1 ELPIDA-PD488588FF-C71-45-DH1 Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
PD488588FF-C80-45-DH1 ELPIDA-PD488588FF-C80-45-DH1 Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
More results

Similar Description - PD488588FF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD488448 NEC-UPD488448 Datasheet
1Mb / 30P
128 M-bit Direct Rambus??DRAM
logo
Elpida Memory
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
Direct Rambus DRAM SO-RIMM Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
Direct Rambus DRAM SO-RIMM Module
PD488588 ELPIDA-PD488588 Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
128MB Direct Rambus DRAM RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
256MB Direct Rambus??DRAM RIMM??Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
512MB Direct Rambus??DRAM RIMM??Module
EBR51UC8ABFD ELPIDA-EBR51UC8ABFD Datasheet
114Kb / 12P
512MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com