Electronic Components Datasheet Search
  English  ▼

X  

PD488588FF Datasheet(PDF) 40 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 40 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 36Page - Elpida Memory PD488588FF Datasheet HTML 37Page - Elpida Memory PD488588FF Datasheet HTML 38Page - Elpida Memory PD488588FF Datasheet HTML 39Page - Elpida Memory PD488588FF Datasheet HTML 40Page - Elpida Memory PD488588FF Datasheet HTML 41Page - Elpida Memory PD488588FF Datasheet HTML 42Page - Elpida Memory PD488588FF Datasheet HTML 43Page - Elpida Memory PD488588FF Datasheet HTML 44Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
40
µµµµPD488588FF-C80-40
Figure 22-1 Control Registers (1/7)
Control Register : INIT
Address : 02116
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IDM
SDE
VID5
DIS
TSQ
TEN
LSR
PSR
NSR
SRP
PSX
0
SDEVID4..0
Read/write register.
Reset values are undefined except as affected by SIO Reset as noted below. SETR/CLRR Reset does not affect this register.
Field
Description
Reset
value
SDEVID5..0 Serial Device Identification. Compared to SDEVID5..0 serial address field of serial request packet for register
read/write transactions. This determines which RDRAM is selected for the register read or write operation.
3f16
DIS
RDRAM disable. DIS=1 causes RDRAM to ignore NAP/PDN exit sequence, DIS=0 permit normal operation.
This mechanism disables an RDRAM.
0
TSQ
Temperature Sensing Output. TSQ=1 when a temperature trip point has been exceeded, TSQ=0 when it has
not. TSQ is available during a current control operation (see Figure 25-1).
TEN
Temperature Sensing Enable. TEN=1 enables temperature sensing circuitry, permitting the TSQ bit to be
read to determine if a thermal trip point has been exceeded.
0
LSR
Low Power Self-Refresh. This function is not supported. LSR value must be 0.
0
PSR
PDN Self-Refresh. PSR=1 enables self-refresh in PDN mode. PSR can’t be set while in PDN mode.
0
NSR
NAP Self-Refresh. NSR=1 enables self-refresh in NAP mode. NSR can’t be set while in NAP mode.
0
SRP
SIO Repeater. Controls value on SIO1; SIO1=SIO0 if SRP=1, SIO1=1 if SRP=0.
1
PSX
Power Exit Select. PDN and NAP are exited with (=0) or without (=1) a device address on the DQA5..0 pins.
PDEV5 (on DQA5) selectes broadcast (1) or directed (0) exit. For a dircted exit, PDEV4..0 (on DQA4..0) is
compared to DEVID4..0 to select a device.
Control Register : CNFGA
Address : 02316
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PVER5..0=000001
MVER5..0=mmmmmm
DBL1
REFBIT2..0=101
Read only register.
Field
Description
PVER5..0
Protocol Version. Specifies the Direct Protocol version used by this device:
0 – Reserved
1 – Version 1 protocol.
2 – Version 1 plus Interleaved Device Mode.
3 to 63 – Reserved
MVER5..0
Manufacturer Version. Specifies the manufacturer identification number.
DBL
Doubled-Bank. DBL=1 means the device uses a doubled-bank architecture with adjacent-bank dependency. DBL=0
means no dependency.
REFBIT2..0 Refresh Bank Bits. Specifies the number of bank address bits used by REFA and REFP commands.
Permits multi-bank refresh in future RDRAMs.
Caution In RDRAMs with protocol version 1 PVER[5:0] =000001, the range of the PDNX field (PDNX[2:0] in the PDNX
register) may not be large enough to specify the location of the restricted interval in Figure 23-3. In this case,
the effective tS4 parameter must increase and no row or column packets may overlap the restricted interval.
See Figure 23-3 and Timing conditions table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com