| Electronic Components Datasheet Search |
|
PD488588FF Datasheet(PDF) 36 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
PD488588FF Datasheet(HTML) 36 Page - Elpida Memory |
|
36 / 79 page ![]() Data Sheet E0251N20 (Ver. 2.0) 36 µµµµPD488588FF-C80-40 4.0 Controller Configuration This stage initializes the controller block. Each step of this stage will set a field of the ConfigRMC[63:0] bus to the appropriate value. Other controller implementations will have similar initialization requirements, and this stage may be used as a guide. 4.1 Initial Read Data Offset The ConfigRMC bus is written with a value which determines the time interval between a COL packet with a memory read command and the Q packet with the read data on the Channel. The value written sets RMC.d1 to the minimum value permitted for the system. This will be adjusted later in stage 6.0. 4.2 Configure Row/Column Timing This step determines the values of the tRAS,MIN , tRP,MIN , tRC,MIN , tRCD,MIN , tRR,MIN , and tPP,MIN RDRAM timing parameters that are present in the system. The ConfigRMC bus is written with values that will be compatible with all RDRAM devices that are present. 4.3 Set Refresh Interval This step determines the values of the tREF,MAX RDRAM timing parameter that are present in the system. The ConfigRMC bus is written with a value that will be compatible with all RDRAM devices that are present. 4.4 Set Current Control Interval This step determines the values of the tCCTRL,MAX RDRAM timing parameter that are present in the system. The ConfigRMC bus is written with a value that will be compatible with all RDRAM devices that are present. 4.5 Set Slew Rate Control Interval This step determines the values of the tTEMP,MAX RDRAM timing parameter that are present in the system. The ConfigRMC bus is written with a value that will be compatible with all RDRAM devices that are present. 4.6 Set Bank/Row/Col Address Bits This step determines the number of RDRAM bank, row, and column address bits that are present in the system. It also determines the RDRAM core types (independent, doubled, or split) that are present. The ConfigRMC bus is written with a value that will be compatible with all RDRAM devices that are present. 5.0 RDRAM Current Control This step causes the INIT block to generate a sequence of pulses which performs RDRAM maintenance operations. 6.0 RDRAM Core, Read Domain Initialization This stage completes the RDRAM initialization 6.1 RDRAM Core Initialization A sequence of 192 memory refresh transactions is performed in order to place the cores of all RDRAMs into the proper operating state. 6.2 RDRAM Read Domain Initialization A memory write and memory read transaction is performed to the RDRAM to determine which read domain the RDRAM occupies. The programmed delay of the RDRAM is then adjusted so the total RDRAM read delay (propagation delay plus programmed delay) is constant. The TPARM and TCDLY1 registers of the RDRAM is rewritten with the appropriate read delay values. The ConfigRMC bus is also rewritten with an updated value. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |