Electronic Components Datasheet Search
  English  ▼

X  

PD488588FF Datasheet(PDF) 8 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 8 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 4Page - Elpida Memory PD488588FF Datasheet HTML 5Page - Elpida Memory PD488588FF Datasheet HTML 6Page - Elpida Memory PD488588FF Datasheet HTML 7Page - Elpida Memory PD488588FF Datasheet HTML 8Page - Elpida Memory PD488588FF Datasheet HTML 9Page - Elpida Memory PD488588FF Datasheet HTML 10Page - Elpida Memory PD488588FF Datasheet HTML 11Page - Elpida Memory PD488588FF Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
8
µµµµPD488588FF-C80-40
1. General Description
The figure on page 5 is a block diagram of the
µ PD488588. It consists of two major blocks : a “core” block built from
banks and sense amps similar to those found in other types of DRAM, and a Direct Rambus interface block which
permits an external controller to access this core at up to 1.6 GB/s.
Control Registers: The CMD, SCK, SIO0, and SIO1 pins appear in the upper center of the block diagram. They are
used to write and read a block of control registers. These registers supply the RDRAM configuration information to a
controller and they select the operating modes of the device. The nine bit REFR value is used for tracking the last
refreshed row. Most importantly, the five bits DEVID specifies the device address of the RDRAM on the Channel.
Clocking: The CTM and CTMN pins (Clock-To-Master) generate TCLK (Transmit Clock), the internal clock used to
transmit read data. The CFM and CFMN pins (Clock-From-Master) generate RCLK (Receive Clock), the internal
clock signal used to receive write data and to receive the ROW and COL pins.
DQA, DQB Pins: These 18 pins carry read (Q) and write (D) data across the Channel. They are multiplexed / de-
multiplexed from / to two 72-bit data paths (running at one-eighth the data frequency) inside the RDRAM.
Banks: The 32 Mbyte core of the RDRAM is divided into 32 one-Mbyte banks, each organized as 512 rows, with
each row containing 128 dualocts (2K bytes), and each dualoct containing 16 bytes. A dualoct is the smallest unit of
data that can be addressed.
Sense Amps: The RDRAM contains 34 sense amps. Each sense amp consists of 1,024 bytes of fast storage (512
for DQA and 512 for DQB) and can hold one-half of one row of one bank of the RDRAM. The sense amp may hold
any of the 512 half-rows of an associated bank. However, each sense amp is shared between two adjacent banks of
the RDRAM (except for numbers 0, 15, 30, and 31). This introduces the restriction that adjacent banks may not be
simultaneously accessed.
RQ Pins: These pins carry control and address information. They are broken into two groups. RQ7..RQ5 are also
called ROW2..ROW0, and are used primarily for controlling row accesses. RQ4..RQ0 are also called COL4..COL0,
and are used primarily for controlling column accesses.
ROW Pins: The principle use of these three pins is to manage the transfer of data between the banks and the sense
amps of the RDRAM. These pins are de-multiplexed into a 24-bit ROWA (row-activate) or ROWR (row-operation)
packet.
COL Pins: The principle use of these five pins is to manage the transfer of data between the DQA/DQB pins and the
sense amps of the RDRAM. These pins are de-multiplexed into a 23-bit COLC (column-operation) packet and either
a 17-bit COLM (mask) packet or a 17-bit COLX (extended-operation) packet.
ACT Command: An ACT (activate) command from an ROWA packet causes one of the 512 rows of the selected
bank to be loaded to its associated sense amps (two 512 byte sense amps for DQA and two for DQB).
PRER Command: A PRER (precharge) command from an ROWR packet causes the selected bank to release its
two associated sense amps, permitting a different row in that bank to be activated, or permitting adjacent banks to be
activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com