Electronic Components Datasheet Search
  English  ▼

X  

NVT2004 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NVT2004
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NVT2004 Datasheet HTML 3Page - NXP Semiconductors NVT2004 Datasheet HTML 4Page - NXP Semiconductors NVT2004 Datasheet HTML 5Page - NXP Semiconductors NVT2004 Datasheet HTML 6Page - NXP Semiconductors NVT2004 Datasheet HTML 7Page - NXP Semiconductors NVT2004 Datasheet HTML 8Page - NXP Semiconductors NVT2004 Datasheet HTML 9Page - NXP Semiconductors NVT2004 Datasheet HTML 10Page - NXP Semiconductors NVT2004 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
7 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
(1) In the Enabled mode, the applied enable voltage VI(EN) and the applied voltage at Vref(A) should be
such that Vref(B) is at least 1 V higher than Vref(A) for best translator operation.
(2) Note that the enable time and the disable time are essentially controlled by the RC time constant of
the capacitor and the 200 k
 resistor on the EN pin.
Fig 8.
Typical application circuit (switch enable control)
Fig 9.
Bidirectional translation to multiple higher voltage levels
002aae135
A1
A2
VREFA
GND
3
4
VREFB
1
6
5
B1
B2
8EN
SW
SW
NVT2002
7
200 k
Ω
RPU
RPU
Vpu(D) = 3.3 V
I2C-BUS
DEVICE
SCL
SDA
VCC
GND
2
Vref(A) = 1.8 V(1)
RPU
RPU
I2C-BUS
MASTER
SCL
SDA
VCC
GND
on
off
3.3 V enable signal(1)
(2)
EN
VREFB
002aae133
B1
B2
200 k
Ω
CHIPSET I/O
VCC
5 V
totem pole or
open-drain I/O
GND
VREFA
A1
A2
B3
VCC
Bn
3.3 V
A3
An
CPU I/O
VCORE
1.8 V
1.5 V
1.2 V
1.0 V
SW
NVT20XX
SW
SW
CHIPSET I/O
SW
B4
A4
B5
A5
SW
SW
B6
A6
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com