Electronic Components Datasheet Search
  English  ▼

X  

NVT2004 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NVT2004
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NVT2004 Datasheet HTML 5Page - NXP Semiconductors NVT2004 Datasheet HTML 6Page - NXP Semiconductors NVT2004 Datasheet HTML 7Page - NXP Semiconductors NVT2004 Datasheet HTML 8Page - NXP Semiconductors NVT2004 Datasheet HTML 9Page - NXP Semiconductors NVT2004 Datasheet HTML 10Page - NXP Semiconductors NVT2004 Datasheet HTML 11Page - NXP Semiconductors NVT2004 Datasheet HTML 12Page - NXP Semiconductors NVT2004 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
9 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
7.4 How to size pull-up resistor value
Sizing the pull-up resistor on an open-drain bus is specific to the individual application and
is dependent on the following driver characteristics:
• The driver sink current
• The VOL of driver
• The VIL of the driver
• Frequency of operation
The following tables can be used to estimate the pull-up resistor value in different use
cases so that the minimum resistance for the pull-up resistor can be found.
Table 6, Table 7 and Table 8 contain suggested minimum values of pull-up resistors for
the PCA9306 and NVT20xx devices with typical voltage translation levels and drive
currents. The calculated values assume that both drive currents are the same.
VOL =VIL =0.1  VCC and accounts for a 5%VCC tolerance of the supplies, 1%
resistor values. It should be noted that the resistor chosen in the final application should
be equal to or larger than the values shown in Table 6, Table 7 and Table 8 to ensure that
the pass voltage is less than 10 % of the VCC voltage, and the external driver should be
able to sink the total current from both pull-up resistors. When selecting the minimum
resistor value in Table 6, Table 7 or Table 8, the drive current strength that should be
chosen should be the lowest drive current seen in the application and account for any
drive strength current scaling with output voltage. For the GTL devices, the resistance
table should be recalculated to account for the difference in ON resistance and bias
voltage limitations between VCC(B) and VCC(A).
The applied enable voltage Vpu(H) and the applied voltage at Vref(A) and Vref(B) should be such that Vref(H) is at least 1 V higher
than Vref(A) and Vref(B) for best translator operation.
Fig 10. Bidirectional level shifting between two different power domains
002aae967
A1
A2
VREFA
GND
3
4
VREFB
1
8
7
B1
B2
10 EN
SW
SW
NVT2003
9
200 k
Ω
RPU
RPU
Vpu(B) = 3.3 V
I2C-BUS
DEVICE
SCL
SDA
VCC
GND
2
Vpu(A) = 3.3 V
RPU
RPU
I2C-BUS
MASTER
SCL
SDA
VCC
GND
Vpu(H)
A3
5
6
SW
B3
Vpu(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com