Electronic Components Datasheet Search
  English  ▼

X  

NVT2004 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NVT2004
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004 Datasheet(HTML) 2 Page - NXP Semiconductors

  NVT2004 Datasheet HTML 1Page - NXP Semiconductors NVT2004 Datasheet HTML 2Page - NXP Semiconductors NVT2004 Datasheet HTML 3Page - NXP Semiconductors NVT2004 Datasheet HTML 4Page - NXP Semiconductors NVT2004 Datasheet HTML 5Page - NXP Semiconductors NVT2004 Datasheet HTML 6Page - NXP Semiconductors NVT2004 Datasheet HTML 7Page - NXP Semiconductors NVT2004 Datasheet HTML 8Page - NXP Semiconductors NVT2004 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
2 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
Low 3.5
 ON-state connection between input and output ports provides less signal
distortion
5 V tolerant I/O ports to support mixed-mode signal operation
High-impedance An and Bn pins for EN = LOW
Lock-up free operation
Flow through pinout for ease of printed-circuit board trace routing
ESD protection exceeds 3.5 kV HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
Packages offered: TSSOP10, HXSON12, DHVQFN16, HVQFN16, TSSOP16
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Topside
marking
Number
of bits
Package
Name
Description
Version
NVT2003DP
N2003
3
TSSOP10
plastic thin shrink small outline package; 10 leads;
body width 3 mm
SOT552-1
NVT2004TL
N4
4
HXSON12
plastic, thermal enhanced extremely thin small outline
package; no leads; 12 terminals;
body 1.35
 2.5  0.5 mm
SOT973-2
NVT2006BQ
N2006
6
DHVQFN16
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads;16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
NVT2006BS
N06
6
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 3
 3  0.85 mm
SOT758-1
NVT2006PW
NVT2006
6
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order quantity
Temperature
NVT2003DP
NVT2003DP,118
TSSOP10
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 40 C to +85 C
NVT2004TL
NVT2004TL,115
HXSON12
Reel 7” Q1/T1
*Standard mark SMD
4000
Tamb = 40 C to +85 C
NVT2006BQ
NVT2006BQ,115
DHVQFN16
Reel 7” Q1/T1
*Standard mark SMD
3000
Tamb = 40 C to +85 C
NVT2006BS
NVT2006BS,118
HVQFN16
Reel 13” Q1/T1
*Standard mark SMD
6000
Tamb = 40 C to +85 C
NVT2006PW
NVT2006PW,118
TSSOP16
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com