Electronic Components Datasheet Search
  English  ▼

X  

NVT2004 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NVT2004
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004 Datasheet(HTML) 1 Page - NXP Semiconductors

  NVT2004 Datasheet HTML 1Page - NXP Semiconductors NVT2004 Datasheet HTML 2Page - NXP Semiconductors NVT2004 Datasheet HTML 3Page - NXP Semiconductors NVT2004 Datasheet HTML 4Page - NXP Semiconductors NVT2004 Datasheet HTML 5Page - NXP Semiconductors NVT2004 Datasheet HTML 6Page - NXP Semiconductors NVT2004 Datasheet HTML 7Page - NXP Semiconductors NVT2004 Datasheet HTML 8Page - NXP Semiconductors NVT2004 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1.
General description
The NVT2003/04/06 is a family of bidirectional voltage level translators operational from
1.0 V to 3.6 V (Vref(A)) and 1.8 V to 5.5 V (Vref(B)), which allow bidirectional voltage
translations between 1.0 V and 5 V without the need for a direction pin in open-drain or
push-pull applications. Bit widths ranging from 3-bit to 6-bit are offered for level translation
application with transmission speeds < 33 MHz for an open-drain system with a 50 pF
capacitance and a pull-up of 197
.
When the An or Bn port is LOW, the clamp is in the ON-state and a low resistance
connection exists between the An and Bn ports. The low ON-state resistance (Ron) of the
switch allows connections to be made with minimal propagation delay. Assuming the
higher voltage is on the Bn port when the Bn port is HIGH, the voltage on the An port is
limited to the voltage set by VREFA. When the An port is HIGH, the Bn port is pulled to the
drain pull-up supply voltage (Vpu(D)) by the pull-up resistors. This functionality allows a
seamless translation between higher and lower voltages selected by the user without the
need for directional control.
When EN is HIGH, the translator switch is on, and the An I/O are connected to the Bn I/O,
respectively, allowing bidirectional data flow between ports. When EN is LOW, the
translator switch is off, and a high-impedance state exists between ports. The EN input
circuit is designed to be supplied by Vref(B). To ensure the high-impedance state during
power-up or power-down, EN must be LOW.
All channels have the same electrical characteristics and there is minimal deviation from
one output to another in voltage or propagation delay. This is a benefit over discrete
transistor voltage translation solutions, since the fabrication of the switch is symmetrical.
The translator provides excellent ESD protection to lower voltage devices, and at the
same time protects less ESD-resistant devices.
2.
Features and benefits
Provides bidirectional voltage translation with no direction pin
Less than 1.5 ns maximum propagation delay
Allows voltage level translation between:
1.0 V Vref(A) and 1.8 V, 2.5 V, 3.3 V or 5 V Vref(B)
1.2 V Vref(A) and 1.8 V, 2.5 V, 3.3 V or 5 V Vref(B)
1.8 V Vref(A) and 3.3 V or 5 V Vref(B)
2.5 V Vref(A) and 5 V Vref(B)
3.3 V Vref(A) and 5 V Vref(B)
NVT2003/04/06
Bidirectional voltage-level translator for open-drain and
push-pull applications
Rev. 5 — 19 February 2014
Product data sheet


Similar Part No. - NVT2004

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT2004 NXP-NVT2004 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - NVT2004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
NXP Semiconductors
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
Bidirectional voltage level translator for open-drain and push-pull applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com