Electronic Components Datasheet Search
  English  ▼

X  

NVT2004 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # NVT2004
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button NVT2004 Datasheet HTML 11Page - NXP Semiconductors NVT2004 Datasheet HTML 12Page - NXP Semiconductors NVT2004 Datasheet HTML 13Page - NXP Semiconductors NVT2004 Datasheet HTML 14Page - NXP Semiconductors NVT2004 Datasheet HTML 15Page - NXP Semiconductors NVT2004 Datasheet HTML 16Page - NXP Semiconductors NVT2004 Datasheet HTML 17Page - NXP Semiconductors NVT2004 Datasheet HTML 18Page - NXP Semiconductors NVT2004 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
15 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
11. Dynamic characteristics
11.1 Open-drain drivers
[1]
See graphs based on Ron typical and Cio(on) +CL =50pF.
Table 12.
Dynamic characteristics for open-drain drivers
Tamb = 40 Cto+85 C; VI(EN) =Vref(B); unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Figure 15
tPLH
LOW to HIGH
propagation delay
from (input) Bn
to (output) An
[1]
Ron  (CL + Cio(on))ns
tPHL
HIGH to LOW
propagation delay
from (input) Bn
to (output) An
Ron  (CL + Cio(on))ns
Fig 13. AC test setup
Fig 14. Example of typical AC waveform
002aaf347
DUT
EN
VREFB
VREFA
1.5 V
200 k
Ω
SIGNAL
GENERATOR
5.5 V
0.1
μF
1.5 V swing
50 pF
450
Ω
500
Ω
6.6 V
1 V/div
40 ns/div
002aaf348
Bn
An
GND
GND
a. Load circuit
b. Timing diagram; high-impedance scope probe
used
S2 = translating down, and same voltage.
CL includes probe and jig capacitance.
All input pulses are supplied by generators having the following characteristics: PRR
 10 MHz; Z
o =50 ; tr  2ns; tf  2ns.
The outputs are measured one at a time, with one transition per measurement.
Fig 15. Load circuit for outputs
002aab845
VTT
RL
S1
S2 (open)
CL
from output under test
002aab846
VIH
VIL
VM
VM
input
output
VOH
VOL
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com