Electronic Components Datasheet Search
  English  ▼

X  

NVT2004 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NVT2004
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NVT2004 Datasheet HTML 6Page - NXP Semiconductors NVT2004 Datasheet HTML 7Page - NXP Semiconductors NVT2004 Datasheet HTML 8Page - NXP Semiconductors NVT2004 Datasheet HTML 9Page - NXP Semiconductors NVT2004 Datasheet HTML 10Page - NXP Semiconductors NVT2004 Datasheet HTML 11Page - NXP Semiconductors NVT2004 Datasheet HTML 12Page - NXP Semiconductors NVT2004 Datasheet HTML 13Page - NXP Semiconductors NVT2004 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
10 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
Table 6.
Pull-up resistor minimum values, 3 mA driver sink current for PCA9306 and NVT20xx
A-side
B-side
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
1.0 V
Rpu(A) = 750 
Rpu(B) = 750 
Rpu(A) =845 
Rpu(B) =845 
Rpu(A) = 976 
Rpu(B) = 976 
Rpu(A) = none
Rpu(B) =887 
Rpu(A) = none
Rpu(B) =1.18k
Rpu(A) = none
Rpu(B) =1.82k
1.2 V
Rpu(A) =931 
Rpu(B) =931 
Rpu(A) =1.02k
Rpu(B) =1.02k
Rpu(A) = none
Rpu(B) =887 
Rpu(A) = none
Rpu(B) =1.18k
Rpu(A) = none
Rpu(B) =1.82k
1.5 V
Rpu(A) =1.1 k
Rpu(B) =1.1 k
Rpu(A) = none
Rpu(B) =866 
Rpu(A) = none
Rpu(B) =1.18k
Rpu(A) = none
Rpu(B) =1.78k
1.8 V
Rpu(A) =1.47k
Rpu(B) =1.47k
Rpu(A) = none
Rpu(B) =1.15k
Rpu(A) = none
Rpu(B) =1.78k
2.5 V
Rpu(A) =1.96k
Rpu(B) =1.96k
Rpu(A) = none
Rpu(B) =1.78k
3.3 V
Rpu(A) = none
Rpu(B) =1.74k
Table 7.
Pull-up resistor minimum values, 10 mA driver sink current for PCA9306 and NVT20xx
A-side
B-side
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
1.0 V
Rpu(A) = 221 
Rpu(B) = 221 
Rpu(A) =255 
Rpu(B) =255 
Rpu(A) = 287 
Rpu(B) = 287 
Rpu(A) = none
Rpu(B) =267 
Rpu(A) = none
Rpu(B) = 357 
Rpu(A) = none
Rpu(B) =549 
1.2 V
Rpu(A) =274 
Rpu(B) =274 
Rpu(A) = 309 
Rpu(B) = 309 
Rpu(A) = none
Rpu(B) =267 
Rpu(A) = none
Rpu(B) = 357 
Rpu(A) = none
Rpu(B) =549 
1.5 V
Rpu(A) = 332 
Rpu(B) = 332 
Rpu(A) = none
Rpu(B) =261 
Rpu(A) = none
Rpu(B) = 348 
Rpu(A) = none
Rpu(B) =536 
1.8 V
Rpu(A) =442 
Rpu(B) =442 
Rpu(A) = none
Rpu(B) = 348 
Rpu(A) = none
Rpu(B) =536 
2.5 V
Rpu(A) = 590 
Rpu(B) = 590 
Rpu(A) = none
Rpu(B) =523 
3.3 V
Rpu(A) = none
Rpu(B) =523 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com