Electronic Components Datasheet Search
  English  ▼

X  

NVT2004 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NVT2004
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NVT2004 Datasheet HTML 8Page - NXP Semiconductors NVT2004 Datasheet HTML 9Page - NXP Semiconductors NVT2004 Datasheet HTML 10Page - NXP Semiconductors NVT2004 Datasheet HTML 11Page - NXP Semiconductors NVT2004 Datasheet HTML 12Page - NXP Semiconductors NVT2004 Datasheet HTML 13Page - NXP Semiconductors NVT2004 Datasheet HTML 14Page - NXP Semiconductors NVT2004 Datasheet HTML 15Page - NXP Semiconductors NVT2004 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
12 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
capacitance. As the level moves below the VCC(A) voltage, the channel resistance drops
so that both A and B sides equal. The capacitance on both sides is connected to form the
total capacitance and the pull-up resistors on both sides combine to the parallel equivalent
resistance. The Ron of the device is small compared to the pull-up resistor values, so its
effect on the pull-up resistance can be neglected and the fall is determined by the driver
pulling the combined capacitance and pull-up resistor currents. An estimation of the actual
fall time seen by the device is equal to the time it takes for the B-side to fall to the VCC(A)
voltage and the time it takes for both sides to fall from the VCC(A) voltage to the VIL level.
A description of the rise time applied to either An or Bn output going from LOW to HIGH is
as follows. When the signal level is LOW, the Ron is at its minimum, so the A and B sides
are essentially one node. They will rise together with an RC time constant that is the sum
of all the capacitance from both sides and the parallel of the resistance from both sides.
As the signal approaches the VCC(A) voltage, the channel resistance goes up and the
waveforms separate, with the B side finishing its rise with the RC time constant of the
B side. The rise to VCC(A) is essentially the same for both sides.
There are some basic guidelines to follow that will help maximize the performance of the
device:
• Keep trace length to a minimum by placing the NVT device close to the processor.
• The signal round trip time on trace should be shorter than the rise or fall time of signal
to reduce reflections.
• The faster the edge of the signal, the higher the chance for ringing.
• The higher drive strength controlled by the pull-up resistor (up to 15 mA), the higher
the frequency the device can use.
The system designer must design the pull-up resistor value based on external current
drive strength and limit the node capacitance (minimize the wire, stub, connector and
trace length) to get the desired operation frequency result.
8.
Limiting values
[1]
The input and input/output negative voltage ratings may be exceeded if the input and input/output clamp
current ratings are observed.
[2]
Low duty cycle pulses, not DC because of heating.
Table 9.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Over operating free-air temperature range.
Symbol
Parameter
Conditions
Min
Max
Unit
Vref(A)
reference voltage (A)
0.5
+6
V
Vref(B)
reference voltage (B)
0.5
+6
V
VI
input voltage
0.5[1]
+6
V
VI/O
voltage on an input/output pin
0.5[1]
+6
V
Ich
channel current (DC)
-
128
mA
IIK
input clamping current
VI <0V
50
-
mA
IOK
output clamping current
[2]
50
+50
mA
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com