Electronic Components Datasheet Search
  English  ▼

X  

NVT2004 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # NVT2004
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button NVT2004 Datasheet HTML 9Page - NXP Semiconductors NVT2004 Datasheet HTML 10Page - NXP Semiconductors NVT2004 Datasheet HTML 11Page - NXP Semiconductors NVT2004 Datasheet HTML 12Page - NXP Semiconductors NVT2004 Datasheet HTML 13Page - NXP Semiconductors NVT2004 Datasheet HTML 14Page - NXP Semiconductors NVT2004 Datasheet HTML 15Page - NXP Semiconductors NVT2004 Datasheet HTML 16Page - NXP Semiconductors NVT2004 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
13 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
9.
Recommended operating conditions
[1]
Vref(A)  Vref(B)  1 V for best results in level shifting applications.
10. Static characteristics
[1]
All typical values are at Tamb =25 C.
[2]
Not production tested, maximum value based on characterization data of typical parts.
[3]
Measured by the voltage drop between the An and Bn terminals at the indicated current through the switch. ON-state resistance is
determined by the lowest voltage of the two terminals.
[4]
See curves in Figure 12 for typical temperature and VI(EN) behavior.
[5]
Guaranteed by design.
Table 10.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VI/O
voltage on an input/output pin
An, Bn
0
5.5
V
Vref(A)
reference voltage (A)
VREFA
[1] 05.4
V
Vref(B)
reference voltage (B)
VREFB
[1] 05.5
V
VI(EN)
input voltage on pin EN
0
5.5
V
Isw(pass)
pass switch current
-
64
mA
Tamb
ambient temperature
operating in free-air
40
+85
C
Table 11.
Static characteristics
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VIK
input clamping voltage
II = 18 mA; VI(EN) =0 V
-
-
1.2
V
IIH
HIGH-level input current
VI =5 V; VI(EN) = 0 V
--5
A
Ci(EN)
input capacitance on pin EN
VI = 3 V or 0 V
-
12
-
pF
Cio(off)
off-state input/output capacitance
An, Bn; VO =3V or0V;
VI(EN) =0 V
-
57pF
Cio(on)
on-state input/output capacitance
An, Bn; VO =3V or0V;
VI(EN) =3 V
-11.5
13[2]
pF
Ron
ON-state resistance
An, Bn; VI =0V; IO =64mA;
VI(EN) =4.5 V
[3][4][5] 12.4
5.0
VI =2.4 V; IO =15mA;
VI(EN) =4.5 V
[3][4] -4.8
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com