Electronic Components Datasheet Search
  English  ▼

X  

NVT2004 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # NVT2004
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button NVT2004 Datasheet HTML 10Page - NXP Semiconductors NVT2004 Datasheet HTML 11Page - NXP Semiconductors NVT2004 Datasheet HTML 12Page - NXP Semiconductors NVT2004 Datasheet HTML 13Page - NXP Semiconductors NVT2004 Datasheet HTML 14Page - NXP Semiconductors NVT2004 Datasheet HTML 15Page - NXP Semiconductors NVT2004 Datasheet HTML 16Page - NXP Semiconductors NVT2004 Datasheet HTML 17Page - NXP Semiconductors NVT2004 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
14 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
a. IO =64mA; VI =0V
b. IO =15mA; VI =2.4 V; VI(EN) =4.5 V
c. IO =15mA; VI = 2.4 V; VI(EN) =3.0 V
d. IO =15mA; VI =1.7 V; VI(EN) =2.3 V
Fig 12. NVT2006 typical ON-state resistance versus ambient temperature
Tamb (°C)
−40
100
−20
002aaf680
0
20
40
60
80
4
6
2
8
10
Ron(typ)
(
Ω)
0
VI(EN) = 1.5 V
2.3 V
3.0 V
4.5 V
Tamb (°C)
−40
100
−20
002aaf681
0
20
40
60
80
2
8
Ron(typ)
(
Ω)
0
6
4
Tamb (°C)
−40
100
−20
002aaf682
0
20
40
60
80
20
80
Ron(typ)
(
Ω)
0
60
40
Tamb (°C)
−40
100
−20
002aaf683
0
20
40
60
80
20
80
Ron(typ)
(
Ω)
0
60
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com