Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 6Page - Sipex Corporation SP6648 Datasheet HTML 7Page - Sipex Corporation SP6648 Datasheet HTML 8Page - Sipex Corporation SP6648 Datasheet HTML 9Page - Sipex Corporation SP6648 Datasheet HTML 10Page - Sipex Corporation SP6648 Datasheet HTML 11Page - Sipex Corporation SP6648 Datasheet HTML 12Page - Sipex Corporation SP6648 Datasheet HTML 13Page - Sipex Corporation SP6648 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
Date: 6/7/06 Rev B
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
APPLICATIONS INFORMATION: Continued
Component Selection Table
SP6648EB Evaluation Board Schematic
+
C1
47µF
L1 10µH
C4
1µF
R1
205K
LBON
R2
124K
C3
47pF
RLIM
1.87K
VBATT
R4
249K
U1 SP6648
V
BATT
1
LBI
2
R
LIM
4
SHDN
5
FB
6
GND
7
P
GND
8
LBON
3
LX
9
V
OUT
10
+ C2
47µF
R3
549K
R5 1.0M
3.3VOUT
INDUCTORS - SURFACE MOUNT
Inductor Specification
Inductance
Manufacturer/Part No.
Series R
ISAT
Size LxWxH
Intuctor Type
Manufacturer
(
μH)
Ω
(A)
(mm)
Website
10
Sumida CDRH5D28-100
0.065
1.30
5.7x5.5x3.0
Shielded Ferrite Core
www.sumida.com
10
TDK RLF5018T-100MR94
0.067
0.94
5.6x5.2x2.0
Shielded Ferrite Core
www.tdk.com
10
Sumida CD43-100
0.180
1.04
4.0x4.5x3.5
Unshileded Ferrite Core
www.sumida.com
22
Sumida CDRH5D28-220
0.122
0.90
5.7x5.5x3
Shileded Ferrite Core
www.sumida.com
22
TDK RLF5018T-220MR63
0.067
0.63
5.6x5.2x2.0
Shielded Ferrite Core
www.tdk.com
22
Sumida CD43-220
0.378
0.68
4.0x4.5x3.5
Unshielded Ferrite Core
www.sumida.com
CAPACITORS - SURFACE MOUNT & LEADED
Capacitor Specification
Capacitance
Manufacturer Part No.
ESR
Ripple Current
Size LxWxH
Voltage
Capacitor
Manufacturer
(
μF)
Ω(max)
(A) @ 85
°C
(mm)
(V)
Type
Website
47
Kemet T494C476K010AS
0.300
1.06
6.0x3.2x2.5
10
SMT Tantalum
www.kemet.com
47
Kemet T494V476K010AS
0.300
0.99
7.3x4.3x2.0
10
SMT Tantalum
www.kemet.com
100
Sanyo 25MV100AX
0.220
0.30
6.3DX11L
25
Radial Al Electrolytic www.sanyovideo.com
Note: Components highlighted in bold are those used on the SP6648EB Evaluation Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com