Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 24 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 24 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 20Page - Sipex Corporation SP6648 Datasheet HTML 21Page - Sipex Corporation SP6648 Datasheet HTML 22Page - Sipex Corporation SP6648 Datasheet HTML 23Page - Sipex Corporation SP6648 Datasheet HTML 24Page - Sipex Corporation SP6648 Datasheet HTML 25Page - Sipex Corporation SP6648 Datasheet HTML 26Page - Sipex Corporation SP6648 Datasheet HTML 27Page - Sipex Corporation SP6648 Datasheet HTML 28Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
DESCRIPTION
The SP6648 Evaluation Board is designed to help the user evaluate the performance of the
SP6648 for use as a single or dual cell input to +3.3V output DC-DC Converter. The output of
the SP6648 is preset to +3.3V or can be adjusted from +2V to +5.5V by manipulating two
external resistors. The evaluation board is a completely assembled and tested surface mount
board which provides easy probe access points to all SP6648 Inputs and Outputs so that the
user can quickly connect and measure electrical characteristics and waveforms.
SP6648 EVALUATION BOARD SCHEMATIC
RLIM
1.87K
LBON
VBATT
+ C2
47uF
3.3Vout
L1 10uH
C3
47pF
SP6648
1
2
4
5
6
7
8
3
9
10
VBATT
LBI
RLIM
SHDN
FB
GND
PGND
LBON
LX
VOUT
R2
124K
LBI
SHDN
R1
205K
C4
1uF
+
C1
47uF
Easy Evaluation for the
SP6648 Single or Dual Cell
Alkaline to 2V to 5V Output
Provides 300mA output at
3.3V output for 2.0V Input
High Efficiency: 94%
µSOIC Package & SMT
components for small, low
profile Power Supply
SP6648
Evaluation Board Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com