Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 32 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 32 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 26Page - Sipex Corporation SP6648 Datasheet HTML 27Page - Sipex Corporation SP6648 Datasheet HTML 28Page - Sipex Corporation SP6648 Datasheet HTML 29Page - Sipex Corporation SP6648 Datasheet HTML 30Page - Sipex Corporation SP6648 Datasheet HTML 31Page - Sipex Corporation SP6648 Datasheet HTML 32Page - Sipex Corporation SP6648 Datasheet HTML 33Page - Sipex Corporation SP6648 Datasheet HTML 34Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
TABLE1: SP6648LEDEB LIST OF MATERIALS
SP6648LED Evaluation Board List of Materials
Ref. Des.
Qty. Manufacturer
Part Number
Layout Size
Component
Vendor
LxWxH
1Sipex Corp.
146-6510-00
1"x2.14"
SP6648LED Eval PC Board
Future 888-589-3662
U1
1Sipex Corp.
SP6648EU
MSOP-10
10 PIN High Efficiency Boost Regulato Future 888-589-3662
C1,C3
2
TDK Corp
TDKC3216X5R0J106K
1206
10uF/6.3V/X5R/10% Ceramic
Future 888-589-3662
C2
1
TDK Corp
TDKC1608X5R0J105K
603
1uF/6.3V/X5R/10% Ceramic
Future 888-589-3662
L1
1
Sumida
CD43-100
4x4.5x3.2mm 10uH, 1.04A, 0.18 Ohm, SM inductor
Future 888-589-3662
R1
1
Rohm
MCR03EZPFX1003
603
100K 1/16W 1% 0603 SM
Future 888-589-3662
R2
1
Rohm
MCR03EZPFX4322
603
43.2K 1/16W 1% 0603 SM
Future 888-589-3662
R3
1
Rohm
MCR03EZPFX1501
603
Open
Future 888-589-3662
R4
1
Rohm
MCR03EZPFX1622
603
16.2K 1/16W 1% 0603 SM
Future 888-589-3662
R5
1
Rohm
MVR32HXBRN103
3x3.6x1.3mm
0 Ohm between pin 1 and pin 3
Future 888-589-3662
R6
1
Rohm
Open
Future 888-589-3662
R7
1
Rohm
Open
Future 888-589-3662
Rlim
1
Rohm
MCR03EZPFX1871
603
1.87K 1/16W 1% 0603 SM
Future 888-589-3662
Rb
1
Rohm
MCR25JZHJ1R8
1210
1.8 Ohm 1/4W 5% 1210 SM
Future 888-589-3662
D1
1Stanley
BR1101W-TR
3x1.5x1.5mm
Open
Future 888-589-3662
D2
1Diode Inc.
1N4148W-7
SOD-123
75V 150mA SM Diode
Future 888-589-3662
TP
7Mill-Max
0300-115-01-4701100
.042 Dia
Test Point Female Pin
Future 888-589-3662
J1
1
Sullins
PTC36SAAN
.23x.12
2-Pin Header
Future 888-589-3662
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6648LEDEB............................. -40
°C to +85°C...................SP6648LED Evaluation Board
SP6648EU.....................................-40
°C to +85°C...................................... 10-pin µSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com