Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 28 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 28 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 24Page - Sipex Corporation SP6648 Datasheet HTML 25Page - Sipex Corporation SP6648 Datasheet HTML 26Page - Sipex Corporation SP6648 Datasheet HTML 27Page - Sipex Corporation SP6648 Datasheet HTML 28Page - Sipex Corporation SP6648 Datasheet HTML 29Page - Sipex Corporation SP6648 Datasheet HTML 30Page - Sipex Corporation SP6648 Datasheet HTML 31Page - Sipex Corporation SP6648 Datasheet HTML 32Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
DESCRIPTION AND BOARD SCHEMATIC
The SP6648LED Evaluation Board is designed to help the user evaluate the performance of
the SP6648 for use as a dual cell input to drive a 1W LumiLED. The evaluation board is a
completely assembled and tested surface mount board which provides easy probe access
points to all SP6648 inputs and outputs so that the user can quickly connect and measure
electrical characteristics and waveforms.
Easy evaluation for SP6648
performance of driving 1W
LumiLED.
Plug & Light ON
Self Protection
Programmable Inductor Peak
Current
High Efficiency: up to 94%
µSOIC Package & SMT
components for small, low profile
Power Supply
SP6648LED
Evaluation Board Manual
16K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com