Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 33 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 33 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 26Page - Sipex Corporation SP6648 Datasheet HTML 27Page - Sipex Corporation SP6648 Datasheet HTML 28Page - Sipex Corporation SP6648 Datasheet HTML 29Page - Sipex Corporation SP6648 Datasheet HTML 30Page - Sipex Corporation SP6648 Datasheet HTML 31Page - Sipex Corporation SP6648 Datasheet HTML 32Page - Sipex Corporation SP6648 Datasheet HTML 33Page - Sipex Corporation SP6648 Datasheet HTML 34Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Solved by
Solved by
Portable Lighting Solutions
Portable Lighting Solutions
Featuring Sipex SP6648: The High Efficiency Flashlight Solution
Featuring Sipex SP6648: The High Efficiency Flashlight Solution
SP6648
Boost Regulator
The SP6648 is an ideal solution for today’s low
power systems through its ability to power either
alkaline or Li-Ion based battery applications. The
SP6648 consumes ultra-low quiescent current of
only 12µA, while delivering up to 800mA output
current. This unique combination of high output
power and low quiescent current is accomplished
by automatically switching from pulse width
modulation (PWM) to pulse frequency modulation
(PFM) under light load conditions. The SP6648
combines its low energy requirements with
enabling features such as programmable peak
current, low battery detect and power shutdown
control. The high efficiency, wide input voltage
range, and small package
size make
these parts
well-suited
for use in LED-
based flashlight
power supply circuits.
SP6648 Features
• Ultra-low quiescent current
• 800mA inductor current at 2.6V input: 3.3VOUT
• 94% efficiency from 2 cell to 3.3VOUT
• Wide input voltage range: 0.7V to 4.5V
• 3.3V fixed or adjustable output
• Integrated synchronous rectifier: 0.3
Ω
• Anti-ringing switch technology
• Programmable inductor peak current
• Logic shutdown control
• Under-voltage lock-out at 0.61V
• Programmable low battery detect
• Single or dual cell alkaline
• Small package size: 10-pin DFN or 10-pin MSOP
Typical Applications for the SP6648
• Flashlights
• Camera flash LED driver
• Wireless mouse
• Pagers
• Medical monitors
• Handheld portable devices
Typical Application for the SP6648
1
2
3
4
5
10
9
8
7
6
1.87K
1.87K
Ω
10
µF
10
µF
3.3k
Ω
1.8
Ω
10
µH
V
BATT=1.8V to 3.0V
LED
V
OUT
VBATT
LBI
LBON
RLIM
SHDN
VOUT
LX
PGND
GND
FB
SP6648
For a complete list of evaluation boards and application notes
visit www.sipex.com or call: 1.888.441.0183
For a complete list of evaluation boards and application notes
visit www.sipex.com or call: 1.888.441.0183
High
Efficiency
Synchronous
Solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com