Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 22 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 22 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 18Page - Sipex Corporation SP6648 Datasheet HTML 19Page - Sipex Corporation SP6648 Datasheet HTML 20Page - Sipex Corporation SP6648 Datasheet HTML 21Page - Sipex Corporation SP6648 Datasheet HTML 22Page - Sipex Corporation SP6648 Datasheet HTML 23Page - Sipex Corporation SP6648 Datasheet HTML 24Page - Sipex Corporation SP6648 Datasheet HTML 25Page - Sipex Corporation SP6648 Datasheet HTML 26Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Nov28-06 RevC
ANP8: SP6648 Flashlight Solution
© 2006 Sipex Corporation
Page 1 of
2
FEATURES
1.8V → 3.2V Input range
Regulated 350mA output current
Highly integrated design, minimal components
On chip synchronous power switches
Small 3x3mm 10 Pin DFN package
High efficiency: Greater than 90%
Constant brightness over full battery range
Uses 2 cell Alkaline, NiCAD or NiMH battery
Also works for Lithium camera battery
Efficiency over full battery
voltage range.
Introduction
The SP6648 integrated synchronous boost regulator is a compact circuit that provides a ultra-
high efficiency drive current for an LED flashlight using a LuxeonTM I light source. The circuit
shown below is configured to provide 350mA constant output current for a two cell alkaline
battery application. All components are compact surface mount devices, yielding a tiny final
solution.
Diode D1 has been added to reduce the effective feedback voltage from 1.25V down to 0.61V to
improve efficiency. The LED current can be programmed as high as 900mA depending on the set
resistor value. Operating quiescent current of the part is only 12uA, so only a negligible amount of
power is used by the part itself. The SP6648 is available in MSOP for easy pin access in proto-
type and testing, and also 3x3mm DFN for the smallest production circuit.
Application Schematic
Solved by
TM
APPLICATION NOTE ANP8
SP6648 Flashlight Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com