Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 34 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 34 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 26Page - Sipex Corporation SP6648 Datasheet HTML 27Page - Sipex Corporation SP6648 Datasheet HTML 28Page - Sipex Corporation SP6648 Datasheet HTML 29Page - Sipex Corporation SP6648 Datasheet HTML 30Page - Sipex Corporation SP6648 Datasheet HTML 31Page - Sipex Corporation SP6648 Datasheet HTML 32Page - Sipex Corporation SP6648 Datasheet HTML 33Page - Sipex Corporation SP6648 Datasheet HTML 34Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
For more information visit www.sipex.com or call 1.888.441.0183
For more information visit www.sipex.com or call 1.888.441.0183
Sipex SP6648: The High Efficiency Flashlight Solution
Ordering Information
Part Number
Temperature
Package
SP6648EU
-40C to +85C
10 Pin MSOP
SP6648EU/TR
-40C to +85C
10 Pin MSOP
SP6648ER
-40C to +85C
10 Pin DFN
SP6648ER/TR
-40C to +85C
10 Pin DFN
Notes: 1. /TR = Tape and Reel 2. Available in lead free packaging. To order add "-L" suffix. Example: SP6648EU-L/TR
PACKAGE: 10 PIN DFN
D
E
E/2
D/2
DIMENSIONS
in
(mm)
10 Pin DFN
(JEDEC MO-229,
VEED-5 VARIATION)
A
A1
A3
b
D
E2
E
e
D2
L
K
0.80
0.90
1.00
0.20 REF
2.20
-
2.70
3.00 BSC
1.40
-
1.75
0.30
0.40 0.50
0.20
0.18
0.25 0.30
3.00 BSC
0.50 PITCH
SYMBOL
MIN NOM MAX
0
0.02 0.05
-
-
Top View
Bottom View
A
A3
A1
b
e
L
K
D2
E2
1
2
Side View
10 Pin DFN
(ALL DIMENSIONS IN MILLIMETERS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com