Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 10Page - Sipex Corporation SP6648 Datasheet HTML 11Page - Sipex Corporation SP6648 Datasheet HTML 12Page - Sipex Corporation SP6648 Datasheet HTML 13Page - Sipex Corporation SP6648 Datasheet HTML 14Page - Sipex Corporation SP6648 Datasheet HTML 15Page - Sipex Corporation SP6648 Datasheet HTML 16Page - Sipex Corporation SP6648 Datasheet HTML 17Page - Sipex Corporation SP6648 Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
14
Date: 6/7/06 Rev B
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
PACKAGE: 10 PIN MSOP
Pin #1 designator
to be within this
INDEX AREA
(D/2 * E1/2)
FRONT VIEW
L
Gauge Plane
Seating Plane
L2
c
ø
ø1
ø1
R1
R
E1
e
E/2
e1
E
D
1
2
TOP VIEW
(L1)
1
2
3
4
5
10
9
8
7
6
D/2
MIN
NOM
MAX
MIN
NOM
MAX
A1
0.00
-
0.15
0.000
-
0.006
c
0.08
-
0.23
0.004
-
0.009
R
0.07
-
-
0.003
-
-
R1
0.07
-
-
0.003
-
-
ø
0º
-
8º
0º
-
8º
ø1
5º
-
15º
5º
-
15º
A
-
-
1.10
-
0.043
A2
0.75
0.85
0.95
0.030
0.034
0.038
b
0.17
-
0.33
0.007
-
0.013
D
E
E1
e
e1
L
0.40
0.60
0.80
0.016
0.024
0.032
L1
L2
SYMBOL
0.118 BSC
0.193 BSC
0.118 BSC
0.079 BSC
0.037 REF
0.010 BSC
0.020 BSC
SIPEX Pkg Signoff Date/Rev:
JL Aug09-05 RevA
0.50 BSC
2.00 BSC
0.95 REF
0.25 BSC
3.00 BSC
4.90 BSC
3.00 BSC
10 Pin MSOP
JEDEC MO-187
Variation BA
Dimensions in Millimeters:
Controlling Dimension
Dimensions in Inches
Conversion Factor:
1 Inch = 25.40 mm
SIDE VIEW
A
A2
A1
Seating
Plane
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com