Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 14Page - Sipex Corporation SP6648 Datasheet HTML 15Page - Sipex Corporation SP6648 Datasheet HTML 16Page - Sipex Corporation SP6648 Datasheet HTML 17Page - Sipex Corporation SP6648 Datasheet HTML 18Page - Sipex Corporation SP6648 Datasheet HTML 19Page - Sipex Corporation SP6648 Datasheet HTML 20Page - Sipex Corporation SP6648 Datasheet HTML 21Page - Sipex Corporation SP6648 Datasheet HTML 22Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
PartnerNet
Advanced Search
Part Number Search
Keyword Search
Home
Products
Support
Contact Us About Us
News
Investors
Careers
Product Lines
Power Management
Boost Regulators
Buck Regulators
Charge Pumps
LED Drivers
Linear Regulators
Power Blox™
PWM Controllers
References
Supervisors
USB Vbus Switches
Interface
Multiprotocol
RS232
RS422
RS485
USB
Optical Storage
Advanced Power
Control
Photo Detector IC
SP6648 product
details
You are here : Home : Products : Boost Regulators
Features
Ultra-low 12 A Quiescent Current
400mA Output Current at 2.6V Input: 3.3VOUT
94% Efficiency from 2 cell to 3.3VOUT
Wide Input Voltage Range: 0.95V to 4.5V
3.3V Fixed or Adjustable Output
Integrated Synchronous Rectifier: 0.3
0.3
Switch
Anti-Ringing Switch Technology
Programmable Inductor Peak Current
Logic Shutdown Control
Under Voltage Lock-Out at 0.61V
Programmable Low Battery Detect
Single or Dual Cell Alkaline
Small 10 pin DFN Package and Industry Standard 10
pin MSOP
Fixed 3.3V
Ultra-low Quiescent Current, High Efficiency Boost
Regulator
Quick Links
Download
Datasheet
Check Price and
Availability
Design-In Support
Email: Tech Support
Boost Regulators
Product Selector
Applications Notes
Evaluation Boards
Quality Information
Part Nomenclature
Ordering Part Number
Part Number
Package
Code
RoHS MIN.
Temp.
(°C)
MAX.
Temp.
(°C)
Status Buy
Samples
SP6648ER-L
DFN10
▪
-40
85
Active
Buy Now
Order Samples
SP6648ER-
L/TR
DFN10
▪
-40
85
Active
Buy Now
Order Samples
SP6648EU-L
MSOP10
▪
-40
85
Active
Buy Now
Order Samples
SP6648EU-
L/TR
MSOP10
▪
-40
85
Active
Buy Now
Order Samples
BOOST
REGULATOR
SP6648
SP6648EB
Board
0
70
Active
Buy Now
Order Samples
SP6648LEDEB
Board
0
70
Active
Buy Now
Order Samples
SP6648UEB
Board
0
70
Active
Buy Now
Order Samples
SP6648ER
DFN10
-40
85
EOL
Buy Now
SP6648ER/TR
DFN10
-40
85
EOL
Buy Now
SP6648EU
MSOP10
-40
85
EOL
Buy Now
SP6648EU/TR
MSOP10
-40
85
EOL
Buy Now
Part Status Legend
Active - the part is released for sale, standard product.
EOL (End of Life) - the part is no longer being manufactured, there may or may not be inventory still in stock.
Page 1 of 2
Sipex Corporation - Sipex Product Details
7/6/2007
http://www.sipex.com/productDetails.aspx?part=SP6648&keyword=6648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com