Electronic Components Datasheet Search
  English  ▼

X  

TAS5729MD Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 24Page - Texas Instruments TAS5729MD Datasheet HTML 25Page - Texas Instruments TAS5729MD Datasheet HTML 26Page - Texas Instruments TAS5729MD Datasheet HTML 27Page - Texas Instruments TAS5729MD Datasheet HTML 28Page - Texas Instruments TAS5729MD Datasheet HTML 29Page - Texas Instruments TAS5729MD Datasheet HTML 30Page - Texas Instruments TAS5729MD Datasheet HTML 31Page - Texas Instruments TAS5729MD Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
(1or0)
2 +
´
1
(1or0)
2 +(1or0)
2
+.......(1or0)
2
+.......(1or0)
2
´
´
´
´
0
–1
–4
–23
2 Bit
1
2 Bit
0
2
Bit
–1
2
Bit
–4
2
Bit
–23
M0126-01
2
Bit
–23
S_xx.xxxx_xxxx_xxxx_xxxx_xxxx_xxx
2
Bit
–5
2
Bit
–1
2 Bit
0
SignBit
2 Bit
1
M0125-01
B0396-01
1 – a
rms
ABS
Ch1
Z
–1
a
Post-DAP Processing
32-BitLevel
I CRegisters
(PWMLevelMeter)
2
rms
ABS
Ch2
Z
–1
32-BitLevel
ADDR=0x6C
ADDR=0x6B
1 – a
a
TAS5729MD
SLOS836A – MAY 2013 – REVISED JUNE 2013
www.ti.com
PWM LEVEL METER
The structure in Figure 47 shows the PWM level meter that can be used to study the power profile.
Figure 47. PWM Level Meter Structure
26-Bit 3.23 Number Format
All mixer gain coefficients are 26-bit coefficients using a 3.23 number format. Numbers formatted as 3.23
numbers means that there are 3 bits to the left of the binary point and 23 bits to the right of the binary point. This
is shown in Figure 48 .
Figure 48. 3.23 Format
The decimal value of a 3.23 format number can be found by following the weighting shown in Figure 48. If the
most significant bit is logic 0, the number is a positive number, and the weighting shown yields the correct
number. If the most significant bit is a logic 1, then the number is a negative number. In this case every bit must
be inverted, a 1 added to the result, and then the weighting shown in Figure 49 applied to obtain the magnitude
of the negative number.
Figure 49. Conversion Weighting Factors—3.23 Format to Floating Point
28
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com