Electronic Components Datasheet Search
  English  ▼

X  

TAS5729MD Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 44Page - Texas Instruments TAS5729MD Datasheet HTML 45Page - Texas Instruments TAS5729MD Datasheet HTML 46Page - Texas Instruments TAS5729MD Datasheet HTML 47Page - Texas Instruments TAS5729MD Datasheet HTML 48Page - Texas Instruments TAS5729MD Datasheet HTML 49Page - Texas Instruments TAS5729MD Datasheet HTML 50Page - Texas Instruments TAS5729MD Datasheet HTML 51Page - Texas Instruments TAS5729MD Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
TAS5729MD
SLOS836A – MAY 2013 – REVISED JUNE 2013
www.ti.com
PWM SWITCHING RATE CONTROL REGISTER (0x4F)
The output PWM switching frequency is configurable as a multiple of the input sample rate (fS). The PWM
frequency can be set to one of 6 x fS, 7 x fS, 8 x fS or 9 x fS. PWM switching rate should be selected through the
register 0x4F before coming out of all-channel shutdown.
Table 23. PWM Switching Rate Control Register (0x4F)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
Reserved(1)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
0
0
0
0
0
0
0
Reserved(1)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
0
0
0
0
Reserved(1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
0
0
–
–
–
–
Reserved(1)
–
–
–
–
0
1
1
0
PWM SRC = 6 x fS
–
–
–
–
0
1
1
1
PWM SRC = 7 x fS
–
–
–
–
1
0
0
0
PWM SRC = 8 x fS
(1)
–
–
–
–
1
0
0
1
PWM SRC = 9 x fS
–
–
–
–
1
0
1
0
Reserved
–
–
–
–
1
1
–
–
Reserved
(1)
Default values are in bold.
EQ CONTROL (0x50)
Table 24. EQ Command (0x50)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
1
1
1
1
Reserved(1)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
1
1
1
0
0
0
0
Reserved(1)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
1
0
0
0
0
0
0
0
Reserved(1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
EQ ON(1)
1
–
–
–
–
–
–
–
EQ OFF (bypass BQ 0–7 of channels 1 and 2)
–
0
–
–
–
–
–
–
Reserved(1)
–
–
0
–
–
–
–
–
Reserved(1)
–
–
1
–
–
–
–
–
Reserved(1)
–
–
–
0
–
–
–
–
L and R can be written independently.(1)
L and R are ganged for EQ biquads; a write to the left-channel
–
–
–
1
–
–
–
–
biquad is also written to the right-channel biquad. (0x29–0x2F is
ganged to 0x30–0x36. Also, 0x58–0x5B is ganged to 0x5C–0x5F.
–
–
–
–
0
–
–
–
Reserved(1)
–
–
–
–
–
0
0
0
Reserved(1)
–
–
–
–
–
0
0
1
Reserved
–
–
–
–
–
0
1
X
Reserved
–
–
–
–
–
1
X
X
Reserved
(1)
Default values are in bold.
48
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com