Electronic Components Datasheet Search
  English  ▼

X  

TAS5729MD Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 25Page - Texas Instruments TAS5729MD Datasheet HTML 26Page - Texas Instruments TAS5729MD Datasheet HTML 27Page - Texas Instruments TAS5729MD Datasheet HTML 28Page - Texas Instruments TAS5729MD Datasheet HTML 29Page - Texas Instruments TAS5729MD Datasheet HTML 30Page - Texas Instruments TAS5729MD Datasheet HTML 31Page - Texas Instruments TAS5729MD Datasheet HTML 32Page - Texas Instruments TAS5729MD Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
u
Coefficient
Digit8
u u u
u u S x
Coefficient
Digit7
x.
x
x
x
Coefficient
Digit6
x
x
x
x
Coefficient
Digit5
x
x
x
x
Coefficient
Digit4
x
x
x
x
Coefficient
Digit3
x
x
x
x
Coefficient
Digit2
x
x
x
x
Coefficient
Digit1
Fraction
Digit5
Fraction
Digit4
Fraction
Digit3
Fraction
Digit2
Fraction
Digit1
Integer
Digit1
Sign
Bit
Fraction
Digit6
u=unusedordon’tcarebits
Digit=hexadecimaldigit
M0127-01
0
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
Gain coefficients, entered via the I²C bus, must be entered as 32-bit binary numbers. The format of the 32-bit
number (4-byte or 8-digit hexadecimal number) is shown in Figure 50
Figure 50. Alignment of 3.23 Coefficient in 32-Bit I²C Word
Table 2. Sample Calculation for 3.23 Format
dB
Linear
Decimal
Hex (3.23 Format)
0
1
8,388,608
80 0000
5
1.77
14,917,288
00E3 9EA8
–5
0.56
4,717,260
0047 FACC
X
L = 10(X/20)
D = 8388608 × L
H = dec2hex (D, 8)
Table 3. Sample Calculation for 9.17 Format
dB
Linear
Decimal
Hex (9.17 Format)
0
1
131,072
20 000
5
1.77
231,997
38 A3D
–5
0.56
73,400
11 EB8
X
L = 10(X/20)
D = 131,072 × L
H = dec2hex (D, 8)
Control Port Detailed Register Description
Copyright © 2013, Texas Instruments Incorporated
29
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com