Electronic Components Datasheet Search
  English  ▼

X  

TAS5729MD Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 37Page - Texas Instruments TAS5729MD Datasheet HTML 38Page - Texas Instruments TAS5729MD Datasheet HTML 39Page - Texas Instruments TAS5729MD Datasheet HTML 40Page - Texas Instruments TAS5729MD Datasheet HTML 41Page - Texas Instruments TAS5729MD Datasheet HTML 42Page - Texas Instruments TAS5729MD Datasheet HTML 43Page - Texas Instruments TAS5729MD Datasheet HTML 44Page - Texas Instruments TAS5729MD Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
INTERCHANNEL DELAY REGISTERS (0x11, 0x12, 0x13, and 0x14)
Internal PWM channels 1, 2, 1, and 2 are mapped into registers 0x11, 0x12, 0x13, and 0x14.
Table 14. Channel Interchannel Delay Register Format
BITS DEFINITION
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
–
–
Minimum absolute delay, 0 DCLK cycles
0
1
1
1
1
1
–
–
Maximum positive delay, 31 × 4 DCLK cycles
1
0
0
0
0
0
–
–
Maximum negative delay, –32 × 4 DCLK cycles
0
0
Reserved
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
Delay = (value) × 4 DCLKs
0x11
1
0
1
0
1
1
–
–
Default value for channel 1(1)
0x12
0
1
0
1
0
1
–
–
Default value for channel 2(1)
0x13
1
0
1
0
1
1
–
–
Default value for channel 1(1)
0x14
0
1
0
1
0
1
–
–
Default value for channel 2(1)
(1)
Default values are in bold.
ICD settings have high impact on audio performance (e.g., dynamic range, THD, crosstalk, etc.) Therefore,
appropriate ICD settings must be used. By default, the device has ICD settings for the AD mode. If used in BD
mode, then update these registers before coming out of all-channel shutdown.
MODE
AD MODE
BD MODE
0x11
AC
B8
0x12
54
60
0x13
AC
A0
0x14
54
48
Copyright © 2013, Texas Instruments Incorporated
41
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com