Electronic Components Datasheet Search
  English  ▼

X  

TAS5729MD Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 33Page - Texas Instruments TAS5729MD Datasheet HTML 34Page - Texas Instruments TAS5729MD Datasheet HTML 35Page - Texas Instruments TAS5729MD Datasheet HTML 36Page - Texas Instruments TAS5729MD Datasheet HTML 37Page - Texas Instruments TAS5729MD Datasheet HTML 38Page - Texas Instruments TAS5729MD Datasheet HTML 39Page - Texas Instruments TAS5729MD Datasheet HTML 40Page - Texas Instruments TAS5729MD Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
SERIAL DATA INTERFACE REGISTER (0x04)
As shown in Table 9, the TAS5729MD supports nine serial data modes. The default is 24-bit, I²S mode.
Table 9. Serial Data Interface Control Register (0x04) Format
RECEIVE SERIAL DATA
WORD
D7–D4
D3
D2
D1
D0
INTERFACE FORMAT
LENGTH
Right-justified
16
0000
0
0
0
0
Right-justified
20
0000
0
0
0
1
Right-justified
24
0000
0
0
1
0
I²S
16
000
0
0
1
1
I²S
20
0000
0
1
0
0
I²S(1)
24
0000
0
1
0
1
Left-justified
16
0000
0
1
1
0
Left-justified
20
0000
0
1
1
1
Left-justified
24
0000
1
0
0
0
Reserved
0000
1
0
0
1
Reserved
0000
1
0
1
0
Reserved
0000
1
0
1
1
Reserved
0000
1
1
0
0
Reserved
0000
1
1
0
1
Reserved
0000
1
1
1
0
Reserved
0000
1
1
1
1
(1)
Default values are in bold.
Copyright © 2013, Texas Instruments Incorporated
37
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com