Electronic Components Datasheet Search
  English  ▼

X  

TAS5729MD Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 38 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 34Page - Texas Instruments TAS5729MD Datasheet HTML 35Page - Texas Instruments TAS5729MD Datasheet HTML 36Page - Texas Instruments TAS5729MD Datasheet HTML 37Page - Texas Instruments TAS5729MD Datasheet HTML 38Page - Texas Instruments TAS5729MD Datasheet HTML 39Page - Texas Instruments TAS5729MD Datasheet HTML 40Page - Texas Instruments TAS5729MD Datasheet HTML 41Page - Texas Instruments TAS5729MD Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
TAS5729MD
SLOS836A – MAY 2013 – REVISED JUNE 2013
www.ti.com
SYSTEM CONTROL REGISTER 2 (0x05)
When bit D6 is set low, the system exits all-channel shutdown and starts playing audio; otherwise, the outputs
are shut down (hard mute).
Table 10. System Control Register 2 (0x05)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Reserved(1)
–
0
–
–
–
–
–
–
Exit all-channel shutdown (normal operation)(2)
–
1
–
–
–
–
–
–
Enter all-channel shutdown (hard mute)(1)
–
–
0
-–
–
–
–
–
Reserved (1)
–
–
–
0
–
–
–
–
Reserved (1)
–
–
–
–
1
–
–
–
In speaker mode, a value of 1 means device is in ternary modulation.
In speaker mode, a value of 0 means device is in not in ternary modulation (AD or
–
–
–
–
0
–
–
–
BD as defined in register 0x25). (1)
–
–
–
–
–
0
–
–
Reserved (1)
–
–
–
–
–
–
0
–
ADR/SPK_FAULT configured as input for address select.
–
–
–
–
–
–
1
–
ADR/SPK_FAULT configured as output for SPK_FAULT
.–
–
–
–
–
–
–
0
Reserved(1)
(1)
Default values are in bold.
(2)
When exiting all-channel shutdown, a soft or hard unmute is determined by register 0x03, bit 5.
SOFT MUTE REGISTER (0x06)
Writing a 1 to any of the following bits sets the output of the respective channel to 50% duty cycle (soft mute).
Table 11. Soft Mute Register (0x06)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
–
–
–
Reserved(1)
–
–
–
–
–
1
–
–
Soft mute channel 3
–
–
–
–
–
0
–
–
Soft unmute channel 3(1)
–
–
–
–
–
–
1
–
Soft mute channel 2
–
–
–
–
–
–
0
–
Soft unmute channel 2(1)
–
–
–
–
–
–
–
1
Soft mute channel 1
–
–
–
–
–
–
–
0
Soft unmute channel 1(1)
(1)
Default values are in bold.
38
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com