Electronic Components Datasheet Search
  English  ▼

X  

TAS5729MD Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 36Page - Texas Instruments TAS5729MD Datasheet HTML 37Page - Texas Instruments TAS5729MD Datasheet HTML 38Page - Texas Instruments TAS5729MD Datasheet HTML 39Page - Texas Instruments TAS5729MD Datasheet HTML 40Page - Texas Instruments TAS5729MD Datasheet HTML 41Page - Texas Instruments TAS5729MD Datasheet HTML 42Page - Texas Instruments TAS5729MD Datasheet HTML 43Page - Texas Instruments TAS5729MD Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
TAS5729MD
SLOS836A – MAY 2013 – REVISED JUNE 2013
www.ti.com
VOLUME CONFIGURATION REGISTER (0x0E)
Bits
Volume slew rate (used to control volume change and MUTE ramp rates). These bits control the
D2–D0:
number of steps in a volume ramp. Volume steps occur at a rate that depends on the sample rate of
the I²S data as follows:
Sample rate (kHz)
Approximate ramp rate
8/16/32
125
μs/step
11.025/22.05/44.1
90.7
μs/step
12/24/48
83.3
μs/step
Table 12. Volume Configuration Register (0x0E)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
1
1
1
0
–
–
–
Reserved(1)
–
–
–
–
–
0
0
0
Volume slew 512 steps (43 ms volume ramp time at 48 kHz)(1)
–
–
–
–
–
0
0
1
Volume slew 1024 steps (85-ms volume ramp time at 48 kHz)
–
–
–
–
–
0
1
0
Volume slew 2048 steps (171-ms volume ramp time at 48 kHz)
–
–
–
–
–
0
1
1
Volume slew 256 steps (21-ms volume ramp time at 48 kHz)
–
–
–
–
–
1
X
X
Reserved
(1)
Default values are in bold.
MODULATION LIMIT REGISTER (0x10)
Table 13. Modulation Limit Register (0x10)
D7
D6
D5
D4
D3
D2
D1
D0
MODULATION LIMIT
0
0
0
0
0
–
–
–
Reserved
–
–
–
–
–
0
0
0
99.2%
–
–
–
–
–
0
0
1
98.4% (1)
–
–
–
–
–
0
1
0
97.7%
–
–
–
–
–
0
1
1
96.9%
–
–
–
–
–
1
0
0
96.1%
–
–
–
–
–
1
0
1
95.3%
–
–
–
–
–
1
1
0
94.5%
–
–
–
–
–
1
1
1
93.8%
(1)
Default values are in bold.
40
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com