Electronic Components Datasheet Search
  English  ▼

X  

LM3000 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3000
Description  Dual Synchronous Emulated Current-Mode Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3000 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3000 Datasheet HTML 17Page - Texas Instruments LM3000 Datasheet HTML 18Page - Texas Instruments LM3000 Datasheet HTML 19Page - Texas Instruments LM3000 Datasheet HTML 20Page - Texas Instruments LM3000 Datasheet HTML 21Page - Texas Instruments LM3000 Datasheet HTML 22Page - Texas Instruments LM3000 Datasheet HTML 23Page - Texas Instruments LM3000 Datasheet HTML 24Page - Texas Instruments LM3000 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ICIN(RMS) | IO x
D x (1 ± D)
PCIN
| IO
2
x D x (1 ± D) x RCIN
2 x S x CO x VP
'
IO
fC t
2 x VP x VL
L x 'IO
2
CO t
VP x VL
L x 'IO
2
CO t
1 +
1 -
RC x 'IO
VP
2
VP x VL
L x 'IO
2
x
1
CO t
RC d
VP
'IO
LM3000
www.ti.com
SNVS612A – JULY 2009 – REVISED JULY 2009
Output Capacitor Design Procedure
For the design example VIN = 12V, VOUT = 3.3V, D = VOUT / VIN = 0.275, L = 2.7 μH, ΔIL = 1.8A, ΔIO = 8A and VP
= 0.15V.
To meet the transient voltage specification, the maximum RC is:
(28)
For the design example, the maximum RC is 18.75 mΩ. Choose RC = 15 mΩ as the design limit.
From the equation for VP, the minimum value of CO is:
(29)
For D < 0.5, VL = VOUT
For D > 0.5, VL = VIN - VOUT
With RC = VP / ΔIO this reduces to:
(30)
With RC = 0 this reduces to:
(31)
Since D < 0.5, VL = VOUT. With RC = 15 mΩ, the minimum value for CO is 218 μF.
The minimum control loop bandwidth fC is given by:
(32)
For the design example, the minimum value for fC is 39 kHz. A 220 μF, 15 mΩ polymer capacitor in parallel with
a 22
μF, 3 mΩ ceramic will meet the target output voltage ripple and transient specification.
For the 1.2V, 15A output, two 220
μF, 15 mΩ polymer capacitors in parallel with a 22 μF, 3 mΩ ceramic are
chosen to meet the target design specifications.
INPUT CAPACITORS
The input capacitors for a buck regulator are used to smooth the large current pulses drawn by the inductor and
load when the high-side MOSFET is on. Due to this large ac stress, input capacitors are usually selected on the
basis of their ac rms current rating rather than bulk capacitance. Low ESR is beneficial because it reduces the
power dissipation in the capacitors. Although any of the capacitor types mentioned in the Output Capacitor
section can be used, ceramic capacitors are common because of their low series resistance. In general the input
to a buck converter does not require as much bulk capacitance as the output.
The input capacitors should be selected for rms current rating and minimum ripple voltage. The equation for the
rms current and power loss of the input capacitor in a single phase can be estimated as:
(33)
Where IO (A) is the output load current and RCIN (Ω) is the series resistance of the input capacitor. Since the
maximum values occur at D = 0.5, a good estimate of the input capacitor rms current rating in a single phase is
one-half of the maximum output current.
Neglecting the series inductance of the input capacitance, the input voltage ripple for a single phase can be
estimated as:
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com