Electronic Components Datasheet Search
  English  ▼

X  

LM3000 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3000
Description  Dual Synchronous Emulated Current-Mode Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3000 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3000 Datasheet HTML 8Page - Texas Instruments LM3000 Datasheet HTML 9Page - Texas Instruments LM3000 Datasheet HTML 10Page - Texas Instruments LM3000 Datasheet HTML 11Page - Texas Instruments LM3000 Datasheet HTML 12Page - Texas Instruments LM3000 Datasheet HTML 13Page - Texas Instruments LM3000 Datasheet HTML 14Page - Texas Instruments LM3000 Datasheet HTML 15Page - Texas Instruments LM3000 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
RT2
RT1
TRK2
FB2
LM3000
VOUT1
RFBT1
RFBB1
VOUT2
RFBT2
RFBB2
TRK1
FB1
VDD
tSS >
VOUT x COUT
ILIMIT ± IOUT
tSS =
CSS x 0.6V
8.5 é
A
LM3000
SNVS612A – JULY 2009 – REVISED JULY 2009
www.ti.com
STARTUP
After the EN1 or EN2 current exceeds the enable ON threshold and the voltage at the VDD pin reaches 2.2V, an
internal 8.5 µA current source charges the soft-start capacitor of the enabled channel. Once soft-start is complete
the converter enters steady state operation. Current limit is enabled during soft-start in case of a short circuit at
the output. The soft-start time is calculated as:
(1)
To avoid current limit during startup, the soft-start time tSS should be substantially longer than the time required
to charge COUT to VOUT at the maximum output current. To meet this requirement:
(2)
STARTUP INTO OUTPUT PRE-BIAS
If the output capacitor of the LM3000 has been charged up to some pre-bias level before the converter is
enabled, the chip will force the soft-start capacitor to the same voltage as the FB pin. This will cause the output
to ramp up from the existing output voltage without discharging it. During the soft-start ramp, the low-side FET is
disabled whenever the COMP voltage is below the active regulation voltage range.
LOW INPUT VOLTAGE
The LM3000 includes an internal 5.2V linear regulator connected from the VIN pin to the VDD pin. This linear
regulator feeds the logic and FET drive circuitry. For input voltages less than 5.5V, the VIN, VDD and VDR pins
can be tied together externally. This allows the full input voltage to be used for driving the power FETs and also
minimizes conduction loss in the LM3000.
TRACKING
The LM3000 has individual tracking inputs which control each output during soft-start. This allows the output
voltage slew rates to be controlled for loads that require precise sequencing. When the tracking function is not
being used the TRK1 or TRK2 pins should be connected directly to the VDD pin.
During start-up, the error amplifier will follow the lower of the SS or TRK voltages. For design margin, the soft-
start time tSS should be set to 75% of the minimum expected rise time of the controlling supply. In the event that
the LM3000 is enabled with a pre-biased master supply controlling track, the soft-start capacitor will control the
tracking output voltage rise time. Pulling TRK down after a normal startup will cause the output voltage to follow
the track signal.
Figure 2. Tracking with VOUT1 Controlling VOUT2
Figure 2 shows a tracking example with the highest output voltage at VOUT1 controlling VOUT2. Tracking may be
set so that VOUT1 and VOUT2 both rise together. For this case, the equation governing the values of the tracking
divider resistors RT1 and RT2 is:
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Links: LM3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com