Electronic Components Datasheet Search
  English  ▼

X  

LM3000 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3000
Description  Dual Synchronous Emulated Current-Mode Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3000 Datasheet HTML 7Page - Texas Instruments LM3000 Datasheet HTML 8Page - Texas Instruments LM3000 Datasheet HTML 9Page - Texas Instruments LM3000 Datasheet HTML 10Page - Texas Instruments LM3000 Datasheet HTML 11Page - Texas Instruments LM3000 Datasheet HTML 12Page - Texas Instruments LM3000 Datasheet HTML 13Page - Texas Instruments LM3000 Datasheet HTML 14Page - Texas Instruments LM3000 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
VIN
4
5.2V
REGS
VDD
VDR
12
5
gm
BIAS
EN1
EN2
VBG
0.6V
CLOCK/
PLL
FREQ/
SYNC
CLKOUT
18
23
17
28
VSW1
+
-
20 éA
+
+
+
-
+
+
+
-
8.5 éA
SS2
TRK2
TRK1
SS1
RAMP1
RAMP2
ILIM1
ILIM2
PGND2
PGND1
VSW2
IFREQ
IVIN
ISLOPE1
ISLOPE2
CURRENT
EMULATION
AND
SLOPE
COMPENSATION
REF1
REF2
9
32
8
7
1
2
+
-
SYSTEM_CLOCK
VSW1
VSW2
PWM LOGIC
DUTY CYCLE
AND
DRIVER
CONTROL
EN1
EN2
SYSTEM_REF
REF1
REF2
VOUT1, VOUT2
MONITOR
EN1
EN2
SYSTEM_REF
VCB1
HG1
LG1
VSW1
PGND1
COMP1
FB1
FB1
EA1_GND
EA2_GND
FB2
FB2
COMP2
PGOOD1
PGOOD2
VCB2
HG2
VDR
LG2
20
19
22
21
30
11
10
31
6
15
14
13
16
3
25
26
27
24
VSW2
VDR
++
+
+
RDSON
SENSING
ASEN(s)
EN1
or FAULT
EN2
or
FAULT
20 éA
PGND2
OC1
OC2
RDSON
SENSING
ASEN(s)
LG2
LG2
LG1
LG1
FAULT
8.5 éA
250Ö
250Ö
SGND
29
1 kÖ 1 kÖ
+
-
+
-
gmn
FB2
FB1
gm
gm
REF2
REF1
LM3000
www.ti.com
SNVS612A – JULY 2009 – REVISED JULY 2009
Block Diagram
Functional Description
THEORY OF OPERATION
The LM3000 is a dual emulated current-mode PWM synchronous controller. Unlike traditional peak current-mode
controllers which sense the current while the high-side FET is on, the LM3000 senses current while the low-side
FET is on. It then emulates the peak current waveform and uses that information to regulate the output voltage.
The blanking time when the high-side FET first turns on that is normally associated with high-side sensing is not
needed, allowing high-side ON pulses as low as 50 ns. The LM3000 therefore has both excellent line transient
response and the ability to regulate low output voltages from high input voltages.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com