Electronic Components Datasheet Search
  English  ▼

X  

LM3000 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3000
Description  Dual Synchronous Emulated Current-Mode Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3000 Datasheet HTML 9Page - Texas Instruments LM3000 Datasheet HTML 10Page - Texas Instruments LM3000 Datasheet HTML 11Page - Texas Instruments LM3000 Datasheet HTML 12Page - Texas Instruments LM3000 Datasheet HTML 13Page - Texas Instruments LM3000 Datasheet HTML 14Page - Texas Instruments LM3000 Datasheet HTML 15Page - Texas Instruments LM3000 Datasheet HTML 16Page - Texas Instruments LM3000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
VOUT1
VOUT2
5V
1.8V
1.8V
VOUT2 = VOUT1 x
RT1
RT1 + RT2
VOUT1
VOUT2
3.3V
1.2V
0.8 x 3.3V
0.75 = VOUT1 x
RT1
RT1 + RT2
LM3000
www.ti.com
SNVS612A – JULY 2009 – REVISED JULY 2009
(3)
A value of 10 k
Ω 1% is recommended for RT1 as a good compromise between high precision and low quiescent
current through the divider. Using an example of VOUT1 = 3.3V and VOUT2 = 1.2V, the value of RT2 is 34.4 kΩ 1%.
A timing diagram for VOUT1 controlling VOUT2 is shown in Figure 3. Note that the TRK pin must finish at least 100
mV higher than the 0.6V reference to achieve the full accuracy of the LM3000 regulation. To meet this
requirement the tracking voltage is offset by 150 mV. The tracking output voltage will reach its final value at 80%
of the controlling output voltage.
Figure 3. Tracking with VOUT1 Controlling VOUT2
Alternatively, the tracking feature can be used to create equal slew rates for the output voltages. In order to track
properly, use the highest output voltage to control the slew rate. In this case, the tracking resistors are found
from:
(4)
Again, a value of 10 k
Ω 1% is recommended for RT1. For the example case of VOUT1 = 5V and VOUT2 = 1.8V, RT2
is 17.8 k
Ω 1%. A timing diagram for the case of equal slew rates is shown in Figure 4.
Either method ensures that the output voltage of the tracking supply always reaches regulation before the output
voltage of the controlling supply.
Figure 4. Tracking with Equal Slew Rates
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com