Electronic Components Datasheet Search
  English  ▼

X  

LM3000 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3000
Description  Dual Synchronous Emulated Current-Mode Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3000 Datasheet HTML 2Page - Texas Instruments LM3000 Datasheet HTML 3Page - Texas Instruments LM3000 Datasheet HTML 4Page - Texas Instruments LM3000 Datasheet HTML 5Page - Texas Instruments LM3000 Datasheet HTML 6Page - Texas Instruments LM3000 Datasheet HTML 7Page - Texas Instruments LM3000 Datasheet HTML 8Page - Texas Instruments LM3000 Datasheet HTML 9Page - Texas Instruments LM3000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
LM3000
SNVS612A – JULY 2009 – REVISED JULY 2009
www.ti.com
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise
noted, VIN = 12.0V, IEN1 = IEN2 = 40 µA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VFB
FB Pin Voltage FB1, FB2 (LM3000A)
-20°C to +85°C
0.594
0.6
0.606
V
0.591
0.6
0.609
VFB
FB Pin Voltage FB1, FB2 (LM3000)
-20°C to +85°C
0.591
0.6
0.609
V
0.588
0.6
0.612
ΔVFB/VFB
Line Regulation VDD = VIN = VDR
3.3V < VIN < 5.5, COMP = 1.5V
0.15
%
Line Regulation VIN > 6V
6V < VIN < 18.5V, COMP = 1.5V
0.3
%
Load Regulation
VIN = 12.0V, 1.0V < COMP < 1.4V
0.1
%
Iq
VIN Operating Current
5
mA
ISD
VIN Shutdown Current
IEN1 , IEN2 < 5 µA
50
µA
IEN
EN Input Threshold Current
IEN Rising
15
35
µA
Hysteresis
10
ILIM
Source Current ILIM1, ILIM2
VILIM1, VILIM2 = 0V
17
20
23
µA
ISS
Soft-Start Pull-Up Current
VSS = 0.5V
5.5
8.5
11.5
µA
VHICCUP
COMP Pin Hiccup Thresholds
COMP Threshold High
2.85
V
Hysteresis
50
mV
tDELAY
Hiccup Delay
16
Cycles
tCOOL
Cool-Down Time Until Restart
4096
Cycles
VOVP
Over-Voltage Protection Threshold
As a % of Nominal Output Voltage
110
115
120
%
Hysteresis
3
VUVP
Under-Voltage Protection Threshold
As a % of REF1, REF2 (see Block
85
%
Diagram)
GATE DRIVE
ICB
VCB Pin Leakage Current
VCB - VSW = 5.5V
250
nA
RDS1
Top FET Drive Pull-Up On-Resistance
VCB - VSW = 4.5V, VCB - HG = 100
3
Ω
mV
RDS2
Top FET Drive Pull-Down On-Resistance
VCB - VSW = 4.5V, HG - VSW = 100
2
Ω
mV
RDS3
Bottom FET Drive Pull-Up On-Resistance VDR - PGND = 5V, VDR - LG = 100
2
Ω
mV
RDS4
Bottom FET Drive Pull-Down On-
VDR - PGND = 5V, LG - PGND = 100
1
Ω
Resistance
mV
OSCILLATOR
fSW
Switching Frequency
RFRQ = 100 kΩ
230
kHz
RFRQ = 42.2 kΩ
425
500
575
kHz
RFRQ = 10 kΩ
1550
kHz
VSYNC
Threshold for Synchronization at the
Rising
2.2
V
FREQ/SYNC Pin
Falling
0.6
fSYNC
SYNC Range
200
1500
kHz
tSYNC
SYNC Pulse Width
100
ns
tSYNC-TRS
SYNC Rise/Fall Time
10
ns
DMAX
Maximum Duty cycle
85
%
ERROR AMPLIFIER
IFB
FB Pin Bias Current
FB = 0.6V
20
nA
ISOURCE
COMP Pin Source Current
FB = 0.5V, COMP = 1.0V
80
µA
ISINK
COMP Pin Sink Current
FB = 0.7V, COMP = 0.7V
80
µA
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Links: LM3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com