Electronic Components Datasheet Search
  English  ▼

X  

LM3000 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3000
Description  Dual Synchronous Emulated Current-Mode Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3000 Datasheet HTML 3Page - Texas Instruments LM3000 Datasheet HTML 4Page - Texas Instruments LM3000 Datasheet HTML 5Page - Texas Instruments LM3000 Datasheet HTML 6Page - Texas Instruments LM3000 Datasheet HTML 7Page - Texas Instruments LM3000 Datasheet HTML 8Page - Texas Instruments LM3000 Datasheet HTML 9Page - Texas Instruments LM3000 Datasheet HTML 10Page - Texas Instruments LM3000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LM3000
www.ti.com
SNVS612A – JULY 2009 – REVISED JULY 2009
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise
noted, VIN = 12.0V, IEN1 = IEN2 = 40 µA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCOMP-HI
COMP Pin Voltage High Clamp
2.80
3.0
3.2
V
VCOMP-LO
COMP Pin Voltage Low Clamp
0.48
V
VOS-TRK
Offset Using TRK Pin
TRK = 0.45V
-9.0
0
9.0
mV
gm
Transconductance
1400
µS
fBW
Unity Gain Bandwidth Frequency
10
MHz
INTERNAL VOLTAGE REGULATOR
VVDD
Internal Core Regulator Voltage
No External Load
5.15
V
VVDD-ON
UVLO Thresholds
VDD Rising
2.12
V
Hysteresis
0.14
VVDD-DO
Internal Core Regulator Dropout Voltage
No External Load
1.1
V
IVDD-ILIM
Internal Core Regulator Current Limit
VDD Short to Ground
80
mA
VVDR
Regulator for External MOSFET Drivers
IVDR = 100 mA
5.2
V
VVDR-DO
Driver Regulator Dropout Voltage
IVDR = 100 mA
1.0
V
IVDR-ILIM
Driver Regulator Current Limit
VDR Short to Ground
450
mA
PGOOD OUTPUT
RPG-ON
PGOOD On-Resistance
FB1 = FB2 = 0.47V
250
Ω
IOH
PGOOD High Leakage Current
VPGOOD = 5V
100
nA
THERMAL RESISTANCE
θJA
Junction-to-Ambient Thermal Resistance
LLP-32 Package (1)
26.4
°C/W
(1)
Tested on a four layer JEDEC board. Four vias provided under the exposed pad. See JEDEC standards JESD51-5 and JESD51-7.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com