Electronic Components Datasheet Search
  English  ▼

X  

LM3000 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM3000
Description  Dual Synchronous Emulated Current-Mode Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3000 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3000 Datasheet HTML 30Page - Texas Instruments LM3000 Datasheet HTML 31Page - Texas Instruments LM3000 Datasheet HTML 32Page - Texas Instruments LM3000 Datasheet HTML 33Page - Texas Instruments LM3000 Datasheet HTML 34Page - Texas Instruments LM3000 Datasheet HTML 35Page - Texas Instruments LM3000 Datasheet HTML 36Page - Texas Instruments LM3000 Datasheet HTML 37Page - Texas Instruments LM3000 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
HG1
LM3000
VCB1
VSW1
ILIM1
LG1
PGND1
EA1_GND
FB1
COMP1
PGOOD1
TRK1
EN1
SS1
HG2
VCB2
VSW2
ILIM2
LG2
PGND2
EA2_GND
PGOOD2
TRK2
EN2
SS2
FREQ/
SYNC
CLKOUT
SGND
COMP2
VDR
VIN VDD
FB2
CFF2
CHF2
RLIM2
CBOOT2
+
RFBT2
RFBB2
COUT2
L2
Q4
Q3
D4
CCOMP2
RCOMP2
VDD
PGOOD2
RPG2
RLIM1
CBOOT1
+
RFBT1
RFBB1
COUT1
L1
Q2
Q1
D3
CCOMP1
RCOMP1
VDD
PGOOD1
RPG1
CHF1
CFF1
VDD
REN1
VEN1
(5V)
VEN2
(5V)
REN2
VOUT1
RT1
RT2
CSS1
CSS2
RFRQ
CLKOUT
SYNC
CSYNC
RCBT
PGND1
PGND2
SGND
VOUT1
3.3V, 8A
VOUT2
1.2V, 15A
VIN
6V TO 18V
CIN1
CIN2
D1A
D1B
VDD
VDD
VDR
VDR
CVDR2
CVDR1
CVDD
PGND1
PGND2
GND1
GND2
PGND1
PGND2
GND1
GND2
LM3000
SNVS612A – JULY 2009 – REVISED JULY 2009
www.ti.com
Typical Application
Figure 25. Typical Application Schematic
34
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Links: LM3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com