Electronic Components Datasheet Search
  English  ▼

X  

LM3000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3000
Description  Dual Synchronous Emulated Current-Mode Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3000 Datasheet(HTML) 1 Page - Texas Instruments

  LM3000 Datasheet HTML 1Page - Texas Instruments LM3000 Datasheet HTML 2Page - Texas Instruments LM3000 Datasheet HTML 3Page - Texas Instruments LM3000 Datasheet HTML 4Page - Texas Instruments LM3000 Datasheet HTML 5Page - Texas Instruments LM3000 Datasheet HTML 6Page - Texas Instruments LM3000 Datasheet HTML 7Page - Texas Instruments LM3000 Datasheet HTML 8Page - Texas Instruments LM3000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LM3000
www.ti.com
SNVS612A – JULY 2009 – REVISED JULY 2009
LM3000 Dual Synchronous Emulated Current-Mode Controller
Check for Samples: LM3000
1
FEATURES
MHz
•
Startup with pre-bias load
2
•
VIN range from 3.3V to 18.5V
•
Independent power good, enable, soft-start
•
Output voltage from 0.6V to 80% of VIN
and track
•
Remote differential output voltage sensing
•
Programmable current limit without external
•
1% accuracy at FB pin
sense resistor
•
Interleaved operation reduces input capacitors
•
Hiccup mode short circuit protection
•
Frequency sync/adjust from 200 kHz to 1.5
DESCRIPTION
The LM3000 is a dual output synchronous buck controller which is designed to convert input voltages ranging
from 3.3V to 18.5V down to output voltages as low as 0.6V. The two outputs switch at a constant programmable
frequency of 200 kHz to 1.5 MHz, with the second output 180 degrees out of phase from the first to minimize the
input filter requirements. The switching frequency can also be phase locked to an external frequency. A CLKOUT
provides an external clock 90 degrees out of phase with the main clock so that a second chip can be run out of
phase with the main chip. The emulated current-mode control utilizes bottom side FET sensing to provide fast
transient response and current limit without the need for external current sense resistors or RC networks.
Separate Enable, Soft-Start and Track pins allow each output to be controlled independently to provide maximum
flexibility in designing system power sequencing.
The LM3000 has a full range of protection features which include input under-voltage lock-out (UVLO), power
good (PGOOD) signals for each output, over-voltage crowbar and hiccup mode during short circuit events.
Applications
•
DC Power Distribution Systems
•
Graphic Cards - GPU and Memory ICs
•
FPGA, CPLD, and ASICs
•
Embedded Processor
•
1.8V and 2.5V I/O Supplies
•
Networking Equipment (Routers, Hubs)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3000 NSC-LM3000 Datasheet
815Kb / 26P
Dual Synchronous Emulated Current-Mode Controller
logo
Texas Instruments
LM3000 TI1-LM3000 Datasheet
1Mb / 41P
Dual Synchronous Emulated Current-Mode Controller
logo
National Semiconductor ...
LM3000ASQ NSC-LM3000ASQ Datasheet
815Kb / 26P
Dual Synchronous Emulated Current-Mode Controller
LM3000ASQX NSC-LM3000ASQX Datasheet
815Kb / 26P
Dual Synchronous Emulated Current-Mode Controller
LM3000SQ NSC-LM3000SQ Datasheet
815Kb / 26P
Dual Synchronous Emulated Current-Mode Controller
More results

Similar Description - LM3000

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Semtech Corporation
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
National Semiconductor ...
LM3000 NSC-LM3000 Datasheet
815Kb / 26P
Dual Synchronous Emulated Current-Mode Controller
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
Texas Instruments
LM3495 TI1-LM3495_14 Datasheet
1Mb / 35P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3495 TI-LM3495_15 Datasheet
1Mb / 36P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3000 TI1-LM3000 Datasheet
1Mb / 41P
Dual Synchronous Emulated Current-Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com