Electronic Components Datasheet Search
  English  ▼

X  

LM3000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3000
Description  Dual Synchronous Emulated Current-Mode Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3000 Datasheet HTML 4Page - Texas Instruments LM3000 Datasheet HTML 5Page - Texas Instruments LM3000 Datasheet HTML 6Page - Texas Instruments LM3000 Datasheet HTML 7Page - Texas Instruments LM3000 Datasheet HTML 8Page - Texas Instruments LM3000 Datasheet HTML 9Page - Texas Instruments LM3000 Datasheet HTML 10Page - Texas Instruments LM3000 Datasheet HTML 11Page - Texas Instruments LM3000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
VOUT1 (2V/DIV)
VEN1 and VEN2 (5V/DIV)
VOUT2 (1V/DIV)
1 ms/DIV
IL1 (5A/DIV)
SW1 (5V/DIV)
5 Ps/DIV
LM3000
SNVS612A – JULY 2009 – REVISED JULY 2009
www.ti.com
Typical Performance Characteristics
3.3V Output Efficiency at 500 kHz
1.2V Output Efficiency at 500 kHz
3.3V Output Load and Line Regulation
1.2V Output Load and Line Regulation
FB1, FB2 Reference
VDD Voltage
vs
vs
Temperature
Temperature
Soft-Start without Load
Pulse Skipping during Over-Current Condition
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Links: LM3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com