Electronic Components Datasheet Search
  English  ▼

X  

ML22Q563 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
To prevent malfunction caused by serial interface pin noise, the ML22Q573/ML2257X is provided with the
two-time command input mode, where the user inputs one command two times.
Use the PUP command to set
the two-time command input mode.
For the method of setting the two-time command input mode, see the the
section on “1. PUP command” described later.
In two-time command input mode, input one command two times in succession. Then, the command becomes
valid only when the data input first matches the data input second.
After the first data input, if a data mismatch
occurs when the second data is input, a ”H” level is output from the ERR pin.
An error, if occurred, can be
cleared by the ERCL command.
VOH
VOL
CSB
Status
Command is being
processed
Playing
SCK
SI
NCRn
BUSYBn
Awaiting command
SPM
1/2VDD
SPP
1/2VDD
VOH
VOL
Address is being
controlled
Awaiting command
Awaiting command
PLAY command
1st byte
PLAY command
2nd byte
(internal)
(internal)
VOH
VOL
CBUSYB
tCB2
Awaiting command
PLAY command
1st byte
tCB1
PLAY command
2nd byte
Awaiting command
Command is being
processed
Command is being
processed
22/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com